Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TO-92 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TO-92
Description  Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TO-92 Datasheet(HTML) 3 Page - Supertex, Inc

  TO-92 Datasheet HTML 1Page - Supertex, Inc TO-92 Datasheet HTML 2Page - Supertex, Inc TO-92 Datasheet HTML 3Page - Supertex, Inc TO-92 Datasheet HTML 4Page - Supertex, Inc TO-92 Datasheet HTML 5Page - Supertex, Inc TO-92 Datasheet HTML 6Page - Supertex, Inc TO-92 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
CL2
Supertex inc.
www.supertex.com
Doc.# DSFP-CL2
C071012
Output Current vs Voltage
Temperature Characteristics
0.98
0.99
1.00
1.01
1.02
1.03
-55-35
-155
25
45
65
85
105
125
145
Temperature (°C)
5.0V
45V
90V
0
5
10
15
20
25
0102030405060708090
100
V
A-B
Functional Circuit Diagram
Equivalent Block Diagram
VA
Control Circuit
and Temperature
Compensation
VB
20mA
±10%
VA
VB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com