Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D16-LAS1-2AB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D16-LAS1-2AB
Description  Push Button Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D16-LAS1-2AB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D16-LAS1-2AB Datasheet HTML 1Page - List of Unclassifed Manufacturers D16-LAS1-2AB Datasheet HTML 2Page - List of Unclassifed Manufacturers D16-LAS1-2AB Datasheet HTML 3Page - List of Unclassifed Manufacturers D16-LAS1-2AB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Push Button Switches
Page <2>
20/08/09 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Specifications:
Switch system
: Each contact block has one double break snap action switching mechanism.
Switch mode
: Momentary or alternate action, 1 to 4 poles.
Contact material
: Soldering type-silver is standard;
: Socket type-pin with golden plating.
Body material
: High-grade temperature thermoplastic.
: Contact housing moulded in electrical high-grade thermosetting plastic.
Operating travel
: 3.0mm.
Actuating force
: 2 to 5N depending on number of contact block.
Mechanical lifetime
: >2 million operations.
Electric rating
: 250V ac, 5A, 125V ac, 8A, 250V dc, 0.2A and 24V dc, 6A.
Specification Table
Rectangular:
Dimensions : Millimetres
Dimensions
Bottom View
Mounting Dimensions
Type
Description
Part Number
Round
Switch, SPDT, MOM, Round, 18mm
D16-LMR1-1AB
Switch, DPDT, MOM, Round, 18mm
D16-LMR1-2AB
Switch, SPDT, Latching, Round, 18mm
D16-LAR1-1AB
Switch, DPDT, Latching, Round, 18mm
D16-LAR1-2AB
Square
Switch, SPDT, MOM, 18 x 18mm
D16-LMS1-1AB
Switch, DPDT, MOM, 18 x 18mm
D16-LMS1-2AB
Switch, SPDT, Latching, 18 x 18mm
D16-LAS1-1AB
Switch, DPDT, Latching, 18 x 18mm
D16-LAS1-2AB
Rectangular
Switch, SPDT, MOM, 18 x 24mm
D16-LMT1-1AB
Switch, DPDT, MOM, 18 x 24mm
D16-LMT1-2AB
Switch, SPDT, Latching, 18 x 24mm
D16-LAT1-1AB
Switch, DPDT, Latching, 18 x 24mm
D16-LAT1-2AB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com