Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D16-LAS1-2AB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # D16-LAS1-2AB
Description  Push Button Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D16-LAS1-2AB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D16-LAS1-2AB Datasheet HTML 1Page - List of Unclassifed Manufacturers D16-LAS1-2AB Datasheet HTML 2Page - List of Unclassifed Manufacturers D16-LAS1-2AB Datasheet HTML 3Page - List of Unclassifed Manufacturers D16-LAS1-2AB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Push Button Switches
Page <4>
20/08/09 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Description
Part Number
Lens, Blue, 18 x 24mm, For D16
50-002-01
Lens, Green, 18 x 24mm, For D16
50-002-02
Lens, Orange, 18 x 24mm, For D16
50-002-03
Lens, Red, 18 x 24mm, For D16
50-002-04
Lens, White, 18 x 24mm, For D16
50-002-05
Lens, Yellow, 18 x 24mm, For D16
50-002-06
Part Number Table
Specifications:
50-011-01
: For square head (90°).
50-010-01
: Most requirement of IP65, two pieces of transparent plastic, rectangular head.
50-011-02
: For rectangular head (90°)
Description
Part Number
Cover, Protection, 18 x 18mm, For D16
50-011-01
Cover, Splashguard, 18 x 24mm, For D16
50-010-01
Cover, Protection, 18 x 24mm, For D16
50-011-02
Part Number Table
Protection Cap
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC Multicomp is the registered trademark of the Group. © Premier Farnell plc 2009.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com