Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99H01QFTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99H01QFTR
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01QFTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99H01QFTR Datasheet HTML 21Page - STMicroelectronics L99H01QFTR Datasheet HTML 22Page - STMicroelectronics L99H01QFTR Datasheet HTML 23Page - STMicroelectronics L99H01QFTR Datasheet HTML 24Page - STMicroelectronics L99H01QFTR Datasheet HTML 25Page - STMicroelectronics L99H01QFTR Datasheet HTML 26Page - STMicroelectronics L99H01QFTR Datasheet HTML 27Page - STMicroelectronics L99H01QFTR Datasheet HTML 28Page - STMicroelectronics L99H01QFTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
DocID15567 Rev 6
25/53
L99H01
Device description
52
3
Device description
3.1
Dual power supply: VS and VCC
The power supply voltage VS supplies the charge-pump. An internal charge-pump is used to
drive the high-side switches and the low-side switches. The logic supply voltage VCC
(3.3 V / 5 V) is used for the logic part and the SPI of the device. Due to the independent logic
supply voltage the control and status information is not lost, even if the supply voltage VS is
switched-off. In case of power-on (VCC increases from undervoltage to
VPOR OFF = 2.5 V, typical) the circuit is initialized by an internally generated power-on reset
(POR). If the voltage VCC decreases under the minimum threshold (VPOR ON =2.2 V,
typical), the outputs are switched-off and the status registers are cleared.
3.2
Standby mode (EN)
The L99H01 is activated with enable input high signal. For enable input floating (not
connected) or VEN = 0 V the device is in standby mode. All latched data are cleared and the
inputs and outputs are switched-off. In the standby mode the current at VS is less than 5 µA
(1 µA) for CSN = high (DO in tristate). If VCC > VPOR OFF and EN = high the device enters
the active mode. In the active mode the charge-pump and the diagnostic functions are
active.
3.3
H-bridge control (DIR, PWM, bit FW)
The DIR and PWM inputs control the drivers of the external H-bridge transistors. The motor
direction can be chosen with the DIR input, the duty cycle and frequency with the PWM
input. With the SPI registers FW and FW-PAS 4 different free wheeling modes (2 active and
2 passive) can be selected using the high-side transistors or the low-side transistors.
Unconnected inputs are defined by internal pull-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com