Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99H01QFTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99H01QFTR
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01QFTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99H01QFTR Datasheet HTML 28Page - STMicroelectronics L99H01QFTR Datasheet HTML 29Page - STMicroelectronics L99H01QFTR Datasheet HTML 30Page - STMicroelectronics L99H01QFTR Datasheet HTML 31Page - STMicroelectronics L99H01QFTR Datasheet HTML 32Page - STMicroelectronics L99H01QFTR Datasheet HTML 33Page - STMicroelectronics L99H01QFTR Datasheet HTML 34Page - STMicroelectronics L99H01QFTR Datasheet HTML 35Page - STMicroelectronics L99H01QFTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Functional description of the SPI
L99H01
32/53
DocID15567 Rev 6
4.2.1
Command byte
Each communication frame starts with a command byte. It consists of an operating code
which specifies the type of operation (<Read>, <Write>, <Fault Reset>,
<Read Device Information>) and a 6-bit address.
Comments:
•
OCx: Operating code
•
Ax: Address
4.2.2
OpCode definition
The <Write Mode> and <Read Mode> operations allow access to the RAM of the device.
The <Clear Status> operation is used to read a status register and subsequently clear its
content.
<Read Device Information> allows access to the ROM area which contains device related
information such as <ID-Header>, <Product Code>, <Silicon Version and Category> and
<SPI-frame-ID>.
Table 24. DI
Command byte
DI - data byte
15
14
13
12
11
10
9876
543
210
OC1
OC0
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Table 25. DO
Global Status byte
DO - data byte
15
14
13
12
11
10
9
8
76543210
GL_ER
FE
STK_RESET_Q
TSD TW UV OV WDTO D7 D6 D5 D4 D3 D2 D1 D0
Table 26. Command byte
Command byte
MSB
LSB
Op code
Address
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 27. Operating code definition
OC1
OC0
Meaning
0
0
<Write Mode>
0
1
<Read Mode>
1
0
<Clear Status>
1
1
<Read Device Information>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com