Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTL295D Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HTL295D
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTL295D Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HTL295D Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTL295D Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTL295D Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2001.03.01
Revised Date : 2001.03.29
Page No. : 3/3
HTL295D
HSMC Product Specification
TO-126ML Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1356
0.1457
3.44
3.70
I
-
*0.1795
-
*4.56
B
0.0170
0.0272
0.43
0.69
J
0.0268
0.0331
0.68
0.84
C
0.0344
0.0444
0.87
1.12
K
0.5512
0.5906
14.00
15.00
D
0.0501
0.0601
1.27
1.52
L
0.2903
0.3003
7.37
7.62
E
0.1131
0.1231
2.87
3.12
M
0.1378
0.1478
3.50
3.75
F
0.0737
0.0837
1.87
2.12
N
0.1525
0.1625
3.87
4.12
G
0.0294
0.0494
0.74
1.25
O
0.0740
0.0842
1.88
2.14
H
0.0462
0.0562
1.17
1.42
Notes : 1.Dimension and tolerance based on our Spec. dated Mar. 6,1995.
2.Controlling dimension : millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
• Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454
• Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel : 886-3-5983621~5 Fax : 886-3-5982931
N
D
E
M
L
K
F
I
A
B
C
H
J
3
2
1
O
G
Style : Pin 1.Emitter 2.Collector 3.Base
3-Lead TO-126ML Plastic Package
HSMC Package Code : D
Marking :
HSMC Logo
Part Number
Date Code
Product Series
Rank
Ink Marking



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com