Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTL295D Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HTL295D
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTL295D Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HTL295D Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTL295D Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTL295D Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2001.03.01
Revised Date : 2001.03.29
Page No. : 1/3
HTL295D
HSMC Product Specification
HTL295D
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HTL295D is designed for high voltage low power switching
applications especially for use in telephone and telecommunication
circuits.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ..................................................................................... 150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................... 1.5 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ..................................................................................... -500 V
VCEO Collector to Emitter Voltage .................................................................................. -500 V
VEBO Emitter to Base Voltage ............................................................................................ -6 V
IC Collector Current ..................................................................................................... -250 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-500
-
-
V
IC=-100uA, IE=0
BVCEO
-500
-
-
V
IC=-1mA, IB=0
BVEBO
-6
-
-
V
IE=-10uA
ICBO
-
-
-1
uA
VCB=-500V, IE=0
ICES
-
-
-10
uA
VCE=-500V, IB=0
IEBO
-
-
-0.2
uA
VEB=-6V, IC=0
*VCE(sat)1
-
-
-500
mV
IC=-10mA, IB=-1mA
*VCE(sat)2
-
-
-2
V
IC=-50mA, IB=-5mA
*VCE(sat)3
-3
V
IC=-80mA, IB=-4mA
*VBE(sat)
-
-
-750
mV
IC=-10mA, IB=-1mA
*hFE1
50
-
-
VCE=-10V, IC=-1mA
*hFE2
60
-
250
VCE=-10V, IC=-20mA
*hFE3
50
-
-
VCE=-10V, IC=-80mA
fT
10
-
-
MHz
VCE=-20V, IE=-10mA, f=1MHz
Cob
-
-
30
pF
VCB=-20V, f=1MHz, IE=0
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HTL295D

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HTL295I HSMC-HTL295I Datasheet
32Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HTL295D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com