Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC2509C Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HC2509C
Description  Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HC2509C Datasheet(HTML) 1 Page - Hynix Semiconductor

  HC2509C Datasheet HTML 1Page - Hynix Semiconductor HC2509C Datasheet HTML 2Page - Hynix Semiconductor HC2509C Datasheet HTML 3Page - Hynix Semiconductor HC2509C Datasheet HTML 4Page - Hynix Semiconductor HC2509C Datasheet HTML 5Page - Hynix Semiconductor HC2509C Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HC2509C
March 1999
1
HC2509C
Features
l Phase-Locked Loop Clock Distribution for
Synchronous DRAM Applications
l Supports PC-100 and Meets “PC100 SDRAM
registered DIMM Specification Rev. 1.2”
l Distributes One Clock Input to One Bank of Five
and One Bank of Four Outputs
l No External RC Network Required
l External Feedback (FBIN) Pin is Used to
Synchronize the Outputs to the Clock Input
l Separate Output Enable for Each Output Bank
l Operates at 3.3 V Vcc
l 125 MHz Maximum Frequency
l On-chip Series Damping Resistors
l Support Spread Spectrum Clock(SSC)
Synthesizers
l ESD Protection Exceeds 3000 V per MIL-STD-
883, Method 3015 ; Exceeds 350 V Using
Machine
Model ( C = 200 pF, R = 0 )
l Latch-Up Performance Exceeds 400 mA per
JESD 17
l Packaged in Plastic 24-Pin Thin Shrink Small-
Outline Package
Pin Configuration
General Description
The HC2509C is a low-skew, low jitter, phase-locked
loop(PLL) clock driver, distributing high frequency
clock signals for SDRAM.
The HC2509C operates at 3.3V Vcc and provides
integrated series-damping resistors that make it ideal
for driving point-to-point loads. The propagation delay
from the CLK input to any clock output is nearly zero.
One bank of five outputs and one bank of four outputs
provide nine low-skew and low-jitter clocks. Each
bank
of
outputs
can
be
enabled
or
disabled
separately via the control inputs (1G and 2G). Output
signal duty cycles are adjusted to 50 percent,
independent of the duty cycle at CLK.
The HC2509C is specially designed to interface with
high speed SDRAM applications in the range of
25MHz to 125MHz and includes an internal RC
network which provides excellent jitter characteristics
and eliminates the needs for external components.
For the test purpose, the PLL can be bypassed by
strapping AVcc to ground.
The HC2509C is characterized for operation from 0
°C
to 85
°C.
Function Table
INPUTS
OUTPUTS
1Y
2Y
1G
2G
CLK
(0:4)
(0:3)
FBOUT
X
X
L
L
L
L
L
L
H
L
L
H
L
H
H
L
H
H
H
L
H
H
L
H
H
H
H
H
H
H
TSSOP 24 PACKAGE
(TOP VIEW)
AGND
Vcc
1Y0
1Y1
1Y2
GND
GND
1Y3
1Y4
Vcc
1G
FBOUT
CLK
AVcc
Vcc
2Y0
2Y1
GND
GND
2Y2
2Y3
Vcc
2G
FBIN
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - HC2509C

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
HC2500A03 YANTEL-HC2500A03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500E03 YANTEL-HC2500E03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500P03 YANTEL-HC2500P03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500S03 YANTEL-HC2500S03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC2500U03-050 YANTEL-HC2500U03-050 Datasheet
746Kb / 4P
90 Degree Hybrid 2.30 GHz-2.65 GHz
More results

Similar Description - HC2509C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HC2510C HYNIX-HC2510C Datasheet
81Kb / 6P
Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
Phase-Locked Loop Clock Driver
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
Programmable Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com