Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1523 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1523
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1523 Datasheet HTML 1Page - Integrated Circuit Systems ICS1523 Datasheet HTML 2Page - Integrated Circuit Systems ICS1523 Datasheet HTML 3Page - Integrated Circuit Systems ICS1523 Datasheet HTML 4Page - Integrated Circuit Systems ICS1523 Datasheet HTML 5Page - Integrated Circuit Systems ICS1523 Datasheet HTML 6Page - Integrated Circuit Systems ICS1523 Datasheet HTML 7Page - Integrated Circuit Systems ICS1523 Datasheet HTML 8Page - Integrated Circuit Systems ICS1523 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS 1523 Y
4
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
ICS1523
Section 2 Pin Descriptions
Note 1: These LVTTL inputs are 5 V-tolerant.
Note 2: Connect to ground if unused.
PIN
NO.
PIN NAME
TYPE
DESCRIPTION
COMMENTS
Notes
1
VDDD
POWER
Digital supply
3.3 V to digital sections
2
VSSD
POWER
Digital ground
3
SDA
IN/OUT
Serial data
I2C-bus Data
1
4
SCL
IN
Serial clock
I2C-bus Clock
1
5
COAST
IN
Charge pump enable
Enables\Disables the charge pump
1
6
EXTFB
IN
External feedback in
External feedback divider input
1
7
HSYNC
IN
Horizontal sync
Clock input to PLL
1
8
EXTFIL
IN
External filter
External loop filter
9
XFILRET
IN
External filter return
External loop filter return
10
VDDA
POWER
Analog supply
3.3 V for analog circuitry
11
VSSA
POWER
Analog ground
Ground for analog circuitry
12
OSC
IN
Oscillator
Input from oscillator or other high
frequency input
1 & 2
13
I2CADR
IN
I2C address
Chip I2C address select
Low = 4Dh read, 4Ch write
High = 4Fh read, 4Eh write
14
LOCK/REF
SSTL_3 OUT Lock / Reference
REF (Schmitt conditioned HSYNC) or
PLL lock output
15
FUNC
SSTL_3 OUT Function output
Output selectable between a 4 clock
wide, active high HSYNC-like output,
and a Schmitt-trigger filtered HSYNC
16
CLK/2
SSTL_3 OUT Pixel clock/2 output
Output driver for half speed clock
17
CLK
SSTL_3 OUT Pixel clock output
Output driver for full speed clock
18
VDDQ
POWER
Output driver supply
3.3 V to output drivers
19
VSSQ
POWER
Output driver ground
Ground for output drivers
20
CLK–
OD OUT
Pixel clock outputs
PECL driver for full-speed clock
21
CLK+
22
CLK/2–
OD OUT
Pixel clock/2 outputs
PECL driver for half-speed clock
23
CLK/2+
24
IREF
IN
Reference current
Reference current for PECL outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com