Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1523 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS1523
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1523 Datasheet HTML 5Page - Integrated Circuit Systems ICS1523 Datasheet HTML 6Page - Integrated Circuit Systems ICS1523 Datasheet HTML 7Page - Integrated Circuit Systems ICS1523 Datasheet HTML 8Page - Integrated Circuit Systems ICS1523 Datasheet HTML 9Page - Integrated Circuit Systems ICS1523 Datasheet HTML 10Page - Integrated Circuit Systems ICS1523 Datasheet HTML 11Page - Integrated Circuit Systems ICS1523 Datasheet HTML 12Page - Integrated Circuit Systems ICS1523 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS 1523 Y
9
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
ICS1523
The DPA Resolution Select register (0x5:0~1) is
double-buffered. Working registers are loaded only
after a DPA software reset (0x8=xA)
For more details, See Figure 11.2
Section 6 OSC Divider and REF
The ICS1523 accepts a single-ended clock on pin 12,
the OSC input. The period of this input signal becomes
the high time of the REF signal and the low time is
controlled by 0x7:0~6.
The resulting REF signal can be used as an input to the
PLL’s phase detector to allow the ICS1523 to
synthesize frequencies without an HSYNC input when
0x7:7=1.
This REF signal may also be output on the LOCK/REF
pin (14) when 0x0:6-7 = 11
Table 6-1 REF Functionality
Section 7 Loop Filter
The ICS1523 contains an internal loop filter, but also
supports the use of an external loop filter configured as
in Figure 7-1. Selection between these two filters is
controlled by 0x4:7. The external filter is selected when
4:7=0; internal filter is selected with a 1.
Figure 7-1 External Loop Filter
While the internal loop filter works well for most
applications, ICS still recommends the implementation
of an external filter network on all designs.
Implementing the external loop filter gives the system
engineer flexibility to add external filter functionality if
without having to alter the PCB.
7.1 External Filter Recommendations
ICS recommends the following as a general purpose
external loop filter:
CS = 3300 pF
RS = 6.8 k
Ω
CP = 33 pF
Special considerations must be made in selecting loop
capacitors CS and CP. These recommendations can be
found at:
http://www.icst.com/appnotes/loopfilter.pdf
Section 8 PLL Parameter Settings
Settings for all standard VESA video modes are
provided by ICS as a starting point for the systems
engineer. These files are in human readable text files
(*.ics files) and come bundled within the ICS1523
Register Editor Tool.
This tool directly drives the ICS1523EB Evaluation
Board and can be downloaded from:
http://www.icst.com/icscs/PartSummary.aspx?id=d28d
be26-195c-46a4-8ac7-fc756463febf&name=ICS1523&
mode=short
Parameter
Value
REF Frequency
(Input Osc Frequency) *
[(0x7: 6~0) + 2]
REF High Time
Input OSC Period
REF Low Time
[(0x7: 6~0) + 1] * Input
OSC Period
Minimum OSC Divider
3 (0x7:6~0 = 000001)
Maximum OSC Divider
129 (0x7:6~0 = 111111)
RESERVED OSC Divider 0 (0x7:6~0 = 000000)
Pin 8
Pin 9
CS
CP
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com