Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90PWM161 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT90PWM161
Description  131 powerful instructions - most single clock cycle execution
PDF  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM161 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT90PWM161 Datasheet HTML 45Page - ATMEL Corporation AT90PWM161 Datasheet HTML 46Page - ATMEL Corporation AT90PWM161 Datasheet HTML 47Page - ATMEL Corporation AT90PWM161 Datasheet HTML 48Page - ATMEL Corporation AT90PWM161 Datasheet HTML 49Page - ATMEL Corporation AT90PWM161 Datasheet HTML 50Page - ATMEL Corporation AT90PWM161 Datasheet HTML 51Page - ATMEL Corporation AT90PWM161 Datasheet HTML 52Page - ATMEL Corporation AT90PWM161 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 327 page
background image
49
7734Q–AVR–02/12
AT90PWM81/161
6.8.2
PRR - Power Reduction Register
• Bit 7 - PRPSC2: Power Reduction PSC2
Writing a logic one to this bit reduces the consumption of the PSC2 by stopping the clock to this
module. When waking up the PSC2 again, the PSC2 should be re initialized to ensure proper
operation.
• Bit 6 - Reserved
• Bit 5 - PRPSCR: Power Reduction PSC reduced
Writing a logic one to this bit reduces the consumption of the PSCR by stopping the clock to this
module. When waking up the PSCR again, the PSCR should be re initialized to ensure proper
operation.
• Bit 4 - PRTIM1: Power Reduction Timer/Counter1
Writing a logic one to this bit reduces the consumption of the Timer/Counter1 module. When the
Timer/Counter1 is enabled, operation will continue like before the setting of this bit.
• Bit 3 - Reserved
• Bit 2 - PRSPI: Power Reduction Serial Peripheral Interface
Writing a logic one to this bit reduces the consumption of the Serial Peripheral Interface by stop-
ping the clock to this module. When waking up the SPI again, the SPI should be re initialized to
ensure proper operation.
• Bit 1 - Reserved
• Bit 0 - PRADC: Power Reduction ADC
Writing a logic one to this bit reduces the consumption of the ADC by stopping the clock to this
module. The ADC must be disabled before using this function. The analog comparator cannot
use the ADC input MUX when the clock of ADC is stopped.
Bit
7654
3
2
1
0
PRPSC2
-
PRPSCR
PRTIM1
-
PRSPI
-
PRADC
PRR
Read/Write
R/W
R
R/W
R/W
R
R/W
R
R/W
Initial Value
0000
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com