Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90PWM161 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT90PWM161
Description  131 powerful instructions - most single clock cycle execution
PDF  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM161 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT90PWM161 Datasheet HTML 49Page - ATMEL Corporation AT90PWM161 Datasheet HTML 50Page - ATMEL Corporation AT90PWM161 Datasheet HTML 51Page - ATMEL Corporation AT90PWM161 Datasheet HTML 52Page - ATMEL Corporation AT90PWM161 Datasheet HTML 53Page - ATMEL Corporation AT90PWM161 Datasheet HTML 54Page - ATMEL Corporation AT90PWM161 Datasheet HTML 55Page - ATMEL Corporation AT90PWM161 Datasheet HTML 56Page - ATMEL Corporation AT90PWM161 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 327 page
background image
53
7734Q–AVR–02/12
AT90PWM81/161
7.1.5
Brown-out Detection
AT90PWM81/161 has an On-chip Brown-out Detection (BOD) circuit for monitoring the V
CC level
during operation by comparing it to a fixed trigger level. The trigger level for the BOD can be
selected by the BODLEVEL Fuses. The trigger level has a hysteresis to ensure spike free
Brown-out Detection. The hysteresis on the detection level should be interpreted as
V
BOT+ = VBOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
Notes:
1. VBOT may be below nominal minimum operating voltage for some devices. For devices where
this is the case, the device is tested down to VCC = VBOT during the production test. This guar-
antees that a Brown-Out Reset will occur before V
CC drops to a voltage where correct
operation of the microcontroller is no longer guaranteed. The test is performed using
BODLEVEL = 010 for Low Operating Voltageand BODLEVEL = 101 for High Operating
Voltage.
2. Values are guidelines only.
Notes:
1. Values are guidelines only.
When V
CC decreases to a value below the trigger level (VBOT- in Figure 7-5 on page 54), the
Brown-out Reset is immediately activated. When V
CC increases above the trigger level (VBOT+ in
Figure 7-5 on page 54), the delay counter starts the MCU after the Time-out period t
TOUT has
expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level for lon-
ger than t
BOD given in Table 7-3.
Table 7-2.
BODLEVEL fuse coding
(1)(2).
BODLEVEL 2..0 fuses
Min VBOT
Typ VBOT
Max VBOT
Units
111
Forbidden, BOD must be enabled
110
1.8
V
101 (default configuration)
2.7
100
3.9
4.3
4.6
011
2.3
010
2.2
001
1.9
000
2.5
2.0
2.9
Table 7-3.
Brown-out characteristics (1).
Symbol
Parameter
Minimum
Typical
Maximum
Units
VHYST
Brown-out detector hysteresis
70
mV
t
BOD
Minimum pulse width on brown-out reset
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com