Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9148-82 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9148-82
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-82 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9148-82 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 11Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 12Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 13Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 14Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 15Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ICS9148-82
Electrical Characteristics - SDRAM
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAM ETER
SYM BOL
CONDITIONS
M IN
TYP
M AX
UNITS
Output High Voltage
VOH3
IOH = -28 mA
2.4
2.8
V
Output Low Voltage
VOL3
IOL = 23 mA
0.35
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-63
-40
mA
Output Low C urrent
IOL3
VOL = 0.8 V
41
51
mA
Rise Time
Tr3
1
VOL = 0.4 V, VOH = 2.4 V
1.5
2
ns
Fall Time
Tf3
1
VOH = 2.4 V, VOL = 0.4 V
1.6
2
ns
Duty Cy cle
Dt3
1
VT = 1.5 V
455455%
Skew
1
Tsk1
VT = 1.5 V
200
500
ps
Propagatio n Delay
Tprop
VT = 1.5 V
46
ns
1 Guarenteed by design, not 100% tested in production.
Electrical Characteristics - AGP
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -28 mA
2.4
3
V
Output Low Voltage
VOL1
IOL = 23 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-40
mA
Output Low Current
IOL1
VOL = 0.8 V
41
50
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.1
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.3
2
ns
Duty Cycle
1
dt1
VT = 1.4 V, CPU @ 100MHz
45
50
55
%
Skew
1
tsk1
VT = 1.5 V
130
250
ps
Jitter, One Sigma
1
tj1σ1a
VT = 1.5 V, Synchronous
2
3
%
tjabs1a
VT = 1.5 V, Synchronous
-5
2.5
5
%
tjabs1b
VT = 1.5 V, Asynchronous
-6
4.5
6
%
1Guaranteed by design, not 100% tested in production.
Jitter, Absolute
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com