Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9148-82 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS9148-82
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-82 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS9148-82 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 11Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 12Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 13Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 14Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 15Page - Integrated Circuit Systems ICS9148-82 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
ICS9148-82
Electrical Characteristics - REF0
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output High Voltage
VOH5
IOH = -16 mA
2.4
2.6
V
Output Low Voltag e
VOL5
IOL = 9 mA
0.26
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-32
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
27
mA
Ris e Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.3
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
2
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
55
57
%
Jitter, One Sigma
1
tj1s5
VT = 1.5 V
0.22
3
%
Jitter, A bs olute
1
tjabs5
VT = 1.5 V
-5
0.63
5
%
1
Guaranteed by des ign, n ot 100% tes ted in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com