Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS6N80 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS6N80
Description  800V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS6N80 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS6N80 Datasheet HTML 1Page - Bruckewell Technology LTD MS6N80 Datasheet HTML 2Page - Bruckewell Technology LTD MS6N80 Datasheet HTML 3Page - Bruckewell Technology LTD MS6N80 Datasheet HTML 4Page - Bruckewell Technology LTD MS6N80 Datasheet HTML 5Page - Bruckewell Technology LTD MS6N80 Datasheet HTML 6Page - Bruckewell Technology LTD MS6N80 Datasheet HTML 7Page - Bruckewell Technology LTD MS6N80 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MS6N80
800V N-Channel MOSFET
Publication Order Number: [MS6N80]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
TJ/TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8'' from case for 5 seconds
300
°C
●Drain current limited by maximum junction temperature
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
0.75
°C/W
RθJA
Junction-to-Ambient
--
62.5
On Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS
Gate Threshold Voltage
VDS = VGS,ID = 250μA
2.5
--
4.5
V
RDS(ON)
Static Drain-Source On-Resistance
VGS = 10 V,ID = 3 A
--
1.6
2.3
Ω
Off Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V , ID = 250μA
800
--
--
V
△BV
DSS
/
△T
J
Breakdown Voltage
Temperature Coefficient
ID = 250μA, Referenced to 25°C
--
0.6
--
V/°C
IDSS
Zero Gate Voltage Drain
Current
VDS = 800 V , VGS = 0 V
VDS = 640 V , VC = 125°C
--
--
10
100
μA
IGSSF
Gate-Body Leakage
Current,Forward
VGS = 30 V , VDS =0 V
--
--
100
μA
IGSSR
Gate-Body Leakage
Current,Reverse
VGS = -30 V , VDS =0 V
--
--
100
nA
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
CISS
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0MHz
--
1500
2010
pF
COSS
Coss Output Capacitance
--
145
190
pF
CRSS
Crss Reverse Transfer Capacitance
--
13
20
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com