Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM2120 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2120
Description  DYNAMIC RANGE PROCESSOR DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 5 Page - Analog Devices

  SSM2120 Datasheet HTML 1Page - Analog Devices SSM2120 Datasheet HTML 2Page - Analog Devices SSM2120 Datasheet HTML 3Page - Analog Devices SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
With the use of the LOG AV capacitor the output is then the log
of the average of the absolute value of I
IN
.
(The unfiltered LOG AV output has broad flat plateaus with sharp
negative spikes at the zero crossing. This reduces the “work” that
the averaging capacitor must do, particularly at low frequencies.)
Note: It is natural to assume that with the addition of the averag-
ing capacitor, the LOG AV output would become the average of
the log of the absolute value of I
IN
. However, since the capaci-
tor forces an AC ground at the emitter of the output transistor,
the capacitor charging currents are proportional to the antilog
of the voltage at the base of the output transistor. Since the base
voltage of the output transistor is the log of the absolute value of
I
IN
, the log and antilog terms cancel, so the capacitor becomes a
linear integrator with a charging current directly proportional to
the absolute value of the input current. This effectively inverts
the order of the averaging and logging functions. The signal at
the output therefore is the log of the average of the absolute
value of I
IN
.
USING DETECTOR PINS REC
IN
, LOG
AV
, THRESH
AND CON
OUT
When applying signals to REC
IN
(rectifier input) an input series
resistor should be followed by a low leakage blocking capacitor
since REC
IN
has a DC voltage of approximately 2.1V above
ground. Choose R
IN
for a
±1.5mA peak signal. For ±15V opera-
tion this corresponds to a value of 10k
Ω.
A 1.5M
Ω value of R
REF
from log average to –15V will establish a
10
µA reference current in the logging transistor (Q
1
). This will
bias the transistor in the middle of the detector’s dynamic cur-
rent range in dB to optimize dynamic range and accuracy. The
LOG AV outputs are buffered and amplified by unipolar drive op
amps. The 39k
Ω, 1kΩ resistor network at the THRESH pin pro-
vides a gain of 40.
An attenuator from the CON
OUT
(control output) to the appropri-
ate VCA control port establishes the control sensitivity. Use 200
Ω
for the attenuator resistor to ground and choose R
CON
for the
desired sensitivity. Care should be taken to minimize capacitive
loads on the control outputs CON
OUT
. If long lines or capacitive
loads are present, it is best to connect the series resistor R
CON
as closely to the CON
OUT
pin as possible.
DYNAMIC LEVEL DETECTOR CHARACTERISTICS
Figures 3 and 4 show the dynamic performance of the level de-
tector to a change in signal level. The input to the detector (not
shown) is a series of 500ms tone bursts at 1kHz in successive
10dBV steps. The tone bursts start at a level of –60dBV (with R
IN
=10k) and return to –60dBV after each successive 10dB step.
Tone bursts range from –60dBV to +10dBV. Figure 3 shows the
logarithmic level detector output. The output of the detector is
3mV/dB at LOG AV and the amplifier gain is 40 which yields
120mV/dB. Thus, the output at CON
OUT
is seen to increase by
1.2V for each 10dBV increase in input level.
DYNAMIC ATTACK AND DECAY RATES
Figure 4 shows the output levels overlayed using a storage scope.
The attack rate is determined by the step size and the value of
FIGURE 3:
Detector Output
FIGURE 4:
Overlayed Detector Output
C
AV
. The attack time to final value is a function of the step size
increase. The chart of Figure 5 shows the values of total settling
times to within 5, 3, 2 and 1dB of final value with C
AV
= 10
µF.
When step sizes exceed 40dB, the increase in settling time for
larger steps is negligible. To calculate the attack time to final value
for any value of C
AV
, simply multiply the value in the chart by C
AV
/
10
µF.
The decay rates are linear ramps that are dependent on the cur-
rent out of the LOG AV pin (set by R
REF
) and the value of C
AV
.
The integration or decay time of the circuit is derived from the
formula:
5dB
3dB
2dB
1dB
10dB Step
11.28ms
21.46
30.19
46.09
20dB Step
16.65
26.83
35.56
51.46
30dB Step
18.15
28.33
37.06
52.96
40dB Step
18.61
27.79
37.52
53.42
50dB Step
(+144
µs)
60dB Step
(+46
µs)
FIGURE 5:
Settling Time (t
S
) for C
AV
= 10
µF, t
S′
= t
S
(C
AV
/
10
µF)
Decrementation Rate (in dB/s) =
I REF
× 333
CAV
VLOG AV = kT
q
ln
IIN
IREF
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com