Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM2120 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2120
Description  DYNAMIC RANGE PROCESSOR DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices SSM2120 Datasheet HTML 10Page - Analog Devices SSM2120 Datasheet HTML 11Page - Analog Devices SSM2120 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
FIGURE 13:
3dB Filter Response
Figures 13a-c show the filter’s 3dB frequency response with the
threshold potentiometer at V+, centered, and V–. Data was taken
by applying a 300Hz signal to the wideband detector and a 20kHz
signal to the high-frequency band detector simultaneously. These
figures correspond to filter characteristics for 50dB, 70dB and
90dB dynamic range program source material, respectively. The
system could thus treat signals from anything ranging from 1/4”
magnetic tape to high-performance compact disc players.
Note that in Figure 13a the control circuit is designed so that the
minimum cutoff frequency is about 1kHz. This occurs as the con-
trol circuit detects the noise floor of the source material.
Dynamic filtering limits the signal bandwidth to less than 1kHz
unless enough highs are detected in the signal to cover the noise
floor in the mid- and high-frequency range. In this case the filter
opens to pass more of the audio band as more highs are detected.
The filter’s bandwidth can extend to 50kHz with a nominal signal
level at the input. At other signal levels with varying high-frequency
content, the filter will close to the required bandwidth. Here, noise
outside the band is removed while the perceived noise is masked
by other signals within the band. Even in this system, however, a
certain amount of mid- and high-frequency components will be
lost, especially during transients at very low signal levels. This
circuit does not address low frequency noise such as “hum” and
“rumble.”
a) V
THRESH
at V+
c) V
THRESH
at V–
WIDEBAND SIGNAL LEVEL (dB)
–50
0
10
20
12.3
17.3
17.8
17.8
17.8
17.8
17.8
17.8
40
41
41
41
41
41
41
50.6 50.6 50.6 50.6 50.6 50.6
50.6 50.6 50.6 50.6 50.6
50.6 50.6 50.6 50.6
50.6 50.6 50.6
50.6 50.6
50.6
–50
–40
–30
–20
–10
0
10
20
–40
–30
–20
–10
b) V
THRESH
Centered
WIDEBAND SIGNAL LEVEL (dB)
–50
0
10
20
1.5
2.2
3.1
4.2
4.2
4.2
4.2
4.2
4.9
7.1
10
10
10
10
10
15.1
22
22
22
22
22
48
49.2 49.2
49.2
49.2
50.6 50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
–50
–40
–30
–20
–10
0
10
20
–40
–30
–20
–10
WIDEBAND SIGNAL LEVEL (dB)
–50
1.1
1.1
1.1
1.0
1.2
1.7
2.4
2.4
2.4
1.9
2.75
3.9
5.5
5.5
5.5
6
8.3
11.7
5.5
11.7
11.7
17.8
26
26
26
50.6 50.6 50.6
50.6 50.6
50.6
–50
0
10
20
–40
–30
–20
–10
–40
–30
–20
–10
0
10
20
1.0
1.0
1.0
1.0
1.0
1.0
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com