Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

376 Datasheet(PDF) 55 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 55 Page - Intel Corporation

Back Button 376 Datasheet HTML 51Page - Intel Corporation 376 Datasheet HTML 52Page - Intel Corporation 376 Datasheet HTML 53Page - Intel Corporation 376 Datasheet HTML 54Page - Intel Corporation 376 Datasheet HTML 55Page - Intel Corporation 376 Datasheet HTML 56Page - Intel Corporation 376 Datasheet HTML 57Page - Intel Corporation 376 Datasheet HTML 58Page - Intel Corporation 376 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 32
NOTE
HOLD is a synchronous input and can be asserted at any CLK2 edge provided setup and hold (t23 and t24) require-
ments are met This waveform is useful for determining Hold Acknowledge latency
Figure 417 Requesting Hold from Active Bus (NA Inactive)
guaranteed to enter FLOAT in a valid state After
deactivating FLT the 80376 is not guaranteed to
exit FLOAT mode in a valid state This is not a prob-
lem as the FLT pin is meant to be used only during
ONCE After exiting FLOAT the 80376 must be re-
set to return it to a valid state Reset should be as-
serted before FLT is deasserted This will ensure
that the 80376 will exit float in a valid state
FLT has an internal pull-up resistor and if it is not
used it should be unconnected
BUS ACTIVITY DURING AND FOLLOWING
RESET
RESET is the highest priority input signal capable of
interrupting any processor activity when it is assert-
ed A bus cycle in progress can be aborted at any
stage or idle states or bus hold acknowledge states
discontinued so that the reset state is established
RESET should remain asserted for at least 15 CLK2
periods to ensure it is recognized throughout the
80376 and at least 80 CLK2 periods if a 80376 self-
test is going to be requested at the falling edge RE-
SET asserted pulses less than 15 CLK2 periods may
not be recognized RESET pulses less than 80 CLK2
periods followed by a self-test may cause the self-
test to report a failure when no true failure exists
Provided the RESET falling edge meets setup and
hold times t25 and t26 the internal processor clock
phase is defined at that time as illustrated by Figure
419 and Figure 67
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com