Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

80296SA Datasheet(PDF) 14 Page - Intel Corporation

Part # 80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80296SA Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80296SA Datasheet HTML 10Page - Intel Corporation 80296SA Datasheet HTML 11Page - Intel Corporation 80296SA Datasheet HTML 12Page - Intel Corporation 80296SA Datasheet HTML 13Page - Intel Corporation 80296SA Datasheet HTML 14Page - Intel Corporation 80296SA Datasheet HTML 15Page - Intel Corporation 80296SA Datasheet HTML 16Page - Intel Corporation 80296SA Datasheet HTML 17Page - Intel Corporation 80296SA Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
10
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PLLEN2:1
I
Phase-locked Loop 1 and 2 Enable
These input pins enable the on-chip clock multiplier feature and select either the
doubled or the quadrupled clock speed:
PLLEN2
PLLEN1
Mode
0
0
1x mode; PLL disabled; f = F
XTAL
1
0
1
2x mode; PLL enabled; f = 2F
XTAL
1
1
0
Reserved †
1
1
4x mode; PLL enabled; f = 4F
XTAL
1
† CAUTION: This reserved combination causes the device to enter an unsupported
test mode.
PWM2:0
O
Pulse Width Modulator Outputs
These are PWM output pins with high-current drive capability. The duty cycle and
frequency-pulse-widths are programmable.
PWM2:0 share package pins with P4.2:0.
RD#
O
Read
Read-signal output to external memory. RD# is asserted during external memory
reads.
READY
I
Ready Input
This active-high input can be used to insert wait states in addition to those
programmed in chip configuration byte 0 (CCB0) and the bus control
x register
(BUSCON
x).
CCB0 is programmed with the minimum number of wait states (0, 5, 10, 15) for an
external fetch of CCB1, and BUSCON
x is programmed with the minimum number of
wait states (0–15) for all external accesses to the address range assigned to the
chip-select
x channel.
If the programmed number of wait states is greater than zero and READY is low
when this programmed number of wait states is reached, additional wait states are
added until READY is pulled high. If the programmed number of wait states is equal
to zero, hold the READY pin high. Programming the number of wait states equal to
zero and holding the READY pin low produces unpredictable results.
RESET#
I/O
Reset
A level-sensitive reset input to, and an open-drain system reset output from, the
microcontroller. Either a falling edge on RESET# or an internal reset turns on a pull-
down transistor connected to the RESET# pin for 16 state times.
In the powerdown, standby, and idle modes, asserting RESET# causes the
microcontroller to reset and return to normal operating mode. If the phase-locked
loop (PLL) clock circuitry is enabled, you must hold RESET# low for at least 2 ms to
allow the PLL to stabilize before the internal CPU and peripheral clocks are enabled.
After a reset, the first instruction fetch is from FF2080H.
Table 4. Signal Descriptions (Continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com