Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

80296SA Datasheet(PDF) 27 Page - Intel Corporation

Part # 80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80296SA Datasheet(HTML) 27 Page - Intel Corporation

Back Button 80296SA Datasheet HTML 23Page - Intel Corporation 80296SA Datasheet HTML 24Page - Intel Corporation 80296SA Datasheet HTML 25Page - Intel Corporation 80296SA Datasheet HTML 26Page - Intel Corporation 80296SA Datasheet HTML 27Page - Intel Corporation 80296SA Datasheet HTML 28Page - Intel Corporation 80296SA Datasheet HTML 29Page - Intel Corporation 80296SA Datasheet HTML 30Page - Intel Corporation 80296SA Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
PRELIMINARY
23
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
6.2.3.2
READY Timing, Multiplexed Bus
Figure 7. Example READY Timings at 50 MHz, Multiplexed Bus, BUSCON
x = 1 Wait State
CLKOUT
Non-first
READY
First
READY
ALE
A5330-01
TCH1YX
RD#
AD15:0
(read)
AD15:0
(write)
BHE#,INST
A19:16
CS0#
TAVYV
Addr Out
WR#
CH2
CH1
CH0
CH3
tt
t
tt
t
TYLYH
Data In
Addr Out
Data Out
TCH2YX
TAVDV + 2t
TRLDV + 2t
TWLWH + 2t
TQVWH + 2t
TRLRH + 2t
TLHLH + 2t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com