Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA2003AV Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # TDA2003AV
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2003AV Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  TDA2003AV Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 7Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TDA2003
ELECTRICAL CHARACTERISTICS (Refer to the test circuit ,Vcc=±16V,Ta=25°C)
Characteristics
Sy mbol
Test Conditions
Min
Ty p
Max
Unit
DC Characteristics
Supply Vo ltage
Vcc
8
18
V
Quiescent Output
Vo ltage
Vo
6.1
6.9
7.7
V
Quiescent Drain Current
Id
40
55
mA
AC Characteristics
R L =8
Ω
5.5
6
R L =2
Ω
9
10
R L =3.2
Ω
7.5
Output Power
Po
THD=10%,
f=1kHz
R L =1.6
Ω
12
W
Po=0.5W, R L =4
Ω
14
Po=6W, R L =4
Ω
55
Po=0.5W, R L =2
Ω
10
Input Sensitivity
Vi
f=1kHz
Po=10W, R L =2
Ω
50
mV
Input Saturation Vo ltage
Vi (rms)
300
mV
Frequency response(-3dB)
B
Po=1W, R L =4
Ω
40
15000
Hz
Po=0.05W to 4.5W,
R L =4
Ω
0.15
Distortion
THD
f=1kHz
Po=0.05W to 7.5W,
R L =2
Ω
0.15
%
Input Resistance (pin 1)
Ri
Open Loop f=1kHz
70
150
k
Ω
Input Noise Current
e N
60
200
pA
Input Noise Vo ltage
I N
1
5
µV
f=1kHz
80
Open Loop Vo ltage Gain
Gvo
f=10kHz
60
dB
Closed Loop Vo ltage
Gain
Gvc
f=1kHz, R L =2
Ω
39.3
40
40.3
dB
Po=6W, R L =4
Ω
69
Efficiency
η
f=1kHz
Po=10W, R L =2
Ω
65
%
Supply Vo ltage
Rejection
SVR
Vr ipple=0.5V,f=100Hz,
Rg=10k
Ω, RL=4Ω
30
36
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com