Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA2003AV Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # TDA2003AV
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2003AV Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  TDA2003AV Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 7Page - Tiger Electronic Co.,Ltd TDA2003AV Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TDA2003
BUILT-IN PROTECTION SYSTEMS
Load dump voltage surge
The TDA 2003 has a circuit which enables it to withstand a voltage pulse train, on pin 5, of the
ty pe shown in Fig. 2. If the supply voltage peaks to mo re than 40V, then an LC filter mu st
be inserted between the supply and pin 5, in order to assure that the pulses at pin 5 will be
head within the limits shown in Fig.1.
A suggested LC network is shown in Fig.2.W ith this network, a train of pulses with
amplitude up to 120V and width of 2ms can be applied at point A. This ty pe of protection is
ON when the supply voltage (pulsed or DC ) exceeds 18V.For this reason the ma ximu m
operating supply voltage is 18V.
F i g u r e
1
F i g u r e
2
Short Circuit (AC and DC Conditions )
The TDA 2003 can withstand a permanent short-circuit on the output for a supply voltage up to
16V.
Polarity inversion
High current (up to 5A) can be handled by the device with no dama ge for a longer period
than the blow-out time of a quick 1A fuse(nor ma lly connected in series with the supply ) .
The feature is added to avoid destructi on if, during fitting to the car, a mi stake on
connection of the supply is ma de.
Open ground
When the radio is in the ON condition and the ground is accidentally opened, a standard
audio amplifier will be dama ged. On the TDA 2003 protection diodes are included to avoid any
dama ge.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com