Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82374EB Datasheet(PDF) 14 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 10Page - Intel Corporation 82374EB Datasheet HTML 11Page - Intel Corporation 82374EB Datasheet HTML 12Page - Intel Corporation 82374EB Datasheet HTML 13Page - Intel Corporation 82374EB Datasheet HTML 14Page - Intel Corporation 82374EB Datasheet HTML 15Page - Intel Corporation 82374EB Datasheet HTML 16Page - Intel Corporation 82374EB Datasheet HTML 17Page - Intel Corporation 82374EB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 208 page
background image
82374EB82374SB
Integrated Bus Central Control Functions
The PCI-EISA Bridge chip set integrates central bus functions on both the PCI and EISA Buses For the PCI
Bus the functions include PCI bus arbitration and default bus driver For the EISA Bus central functions
include the EISA Bus controller and EISA arbiter are integrated in the ESC component and EISA Data Swap
Logic is integrated in the PCEB
Integrated System Functions
The PCI-EISA Bridge chip set integrates system functions including PCI parity and system errors reporting
buffer coherency management protocol PCI and EISA memory and IO address space mapping and decod-
ing For maximum flexibility all of these functions are programmable allowing for variety of optional features
11 PCEB Overview
The PCEB provides the interface (bridge) between PCI and EISA buses by translating bus protocols in both
directions It uses extensive buffering on both the PCI and EISA interfaces to allow concurrent bus operations
The PCEB also implements the PCI central support functions (eg PCI arbitration error signal support and
subtractive decoding) The major functions provided by the PCEB are described in this section
PCI Bus Interface
The PCEB can be either a master or slave on the PCI Bus and supports bus frequencies from 25 MHz to
33 MHz For PCI-initiated transfers the PCEB can only be a slave The PCEB becomes a slave when it
positively decodes the cycle The PCEB also becomes a slave for unclaimed cycles on the PCI Bus These
unclaimed cycles are either negatively or subtractively decoded by the PCEB and forwarded to the EISA Bus
As a slave the PCEB supports single cycle transfers for memory IO and configuration operations and burst
cycles for memory operations Note that burst transfers cannot be performed to the PCEB’s internal registers
Burst memory write cycles to the EISA Bus can transfer up to four Dwords depending on available space in
the PCEB’s Posted Write Buffers When space is no longer available in the buffers the PCEB terminates the
transaction This supports the Incremental Latency Mechanism as defined in the Peripheral Component Inter-
connect (PCI) Specification Note that if the Posted Write Buffers are disabled PCI burst operations are not
performed and all transfers are single cycle
For EISA-initiated transfers to the PCI Bus the PCEB is a PCI master The PCEB permits EISA devices to
access either PCI memory or IO While all PCI IO transfers are single cycle PCI memory cycles can be
either single cycle or burst depending on the status of the PCEB’s Line Buffers During EISA reads of PCI
memory The PCEB uses a burst read cycle of four Dwords to prefetch data into a Line Buffer During EISA-to-
PCI memory writes the PCEB uses PCI burst cycles to flush the Line Buffers The PCEB contains a program-
mable Master Latency Timer that provides the PCEB with a guaranteed time slice on the PCI Bus after which it
surrenders the bus
As a master on the PCI Bus the PCEB generates address and command signal (CBE ) parity for read and
write cycles and data parity for write cycles As a slave the PCEB generates data parity for read cycles Parity
checking is not supported
The PCEB as a resource can be locked by any PCI master In the context of locked cycles the entire PCEB
subsystem (including the EISA Bus) is considered a single resource
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com