Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82374EB Datasheet(PDF) 26 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 26 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 22Page - Intel Corporation 82374EB Datasheet HTML 23Page - Intel Corporation 82374EB Datasheet HTML 24Page - Intel Corporation 82374EB Datasheet HTML 25Page - Intel Corporation 82374EB Datasheet HTML 26Page - Intel Corporation 82374EB Datasheet HTML 27Page - Intel Corporation 82374EB Datasheet HTML 28Page - Intel Corporation 82374EB Datasheet HTML 29Page - Intel Corporation 82374EB Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 208 page
background image
82374EB82374SB
Pin Name
Type
Description
MACK 30
out
MASTER ACKNOWLEDGEENCODED MASTER ACKNOWLEDGE
These pins
behave in one of two modes depending on the state of the Mode Select register bit
EMACK 30
1 and bit 0 If the ESC is programmed to support 4 EISA slots then these pins are
used as MACK
If the ESC is programmed to support more than 4 EISA slots
then these pins are used as EMACK
Master Acknowledge
The MACK 30
signals are asserted from the rising edge
of BCLK at which time the bus master may begin driving the LA
BE
MIO
and WR
lines on the next falling edge of BCLK MACK
will stay asserted until
the rising edge of BCLK when MREQ
is sampled negated MACK
is sampled by
EISA Bus masters on the falling edge of BCLK If another device has requested the
bus MACK
will be negated before MREQ
is negated When MACK
is
negated the granted device has a maximum of 8 ms to negate MREQ
and begin
a final bus cycle The ESC may negate the MACK
signal a minimum of one BCLK
after asserting it if another device (or refresh) is requesting the bus Upon reset
MACK
is negated
Encoded Master Acknowledge
EMACK
behaves like MACK
The difference
is that a discrete decoder is required to generate MACK
for the EISA Bus
masters
Refer to Section 582 MACK Generation for details
26 Timer Unit Signal
Pin Name
Type
Description
SPKR
out
SPEAKER DRIVE
SPKR is the output of Timer 1 Counter 2 and is ‘‘ANDed’’ with Port
061h bit 1 to provide Speaker Data Enable This signal drives an external speaker
driver device which in turn drives the ISA system speaker SPKR has a 24 mA drive
capability Upon reset its output state is low
SLOWH
out
SLOW DOWN CPU
SLOWH
is the output of Timer 2 Counter 2 This counter is used
to slow down the main CPU of its execution via the CPU’s HOLD pin by pulse width
modulation The first read of IO register in the 048h-04Bh range will enable SLOWH
signal to follow the output of the Timer 2 Counter 2 Upon reset SLOWH
is negated
Hardware Reset (Strapping Option)
During hardware reset this signal is an input and the level on the pin at the end of the
reset sequence determines where BIOS resides A high level indicates that BIOS
resides on the X-Bus and a low level indicates that BIOS resides on the ISA Bus The
status is used by the ESC to control the X-Bus transceivers during BIOS access
NOTE
For the 82374EB this pin has an internal weak pull-up of approximately 8 KX
For proper configuration of the BIOS location during reset a weak external pull-
down resistor (approx 500X) must be connected to this pin
An external pull-down resistor is not needed for the 82374SB
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com