Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M80C186EB-13 Datasheet(PDF) 21 Page - Intel Corporation

Part # M80C186EB-13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C186EB-13 Datasheet(HTML) 21 Page - Intel Corporation

Back Button M80C186EB-13 Datasheet HTML 17Page - Intel Corporation M80C186EB-13 Datasheet HTML 18Page - Intel Corporation M80C186EB-13 Datasheet HTML 19Page - Intel Corporation M80C186EB-13 Datasheet HTML 20Page - Intel Corporation M80C186EB-13 Datasheet HTML 21Page - Intel Corporation M80C186EB-13 Datasheet HTML 22Page - Intel Corporation M80C186EB-13 Datasheet HTML 23Page - Intel Corporation M80C186EB-13 Datasheet HTML 24Page - Intel Corporation M80C186EB-13 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
M80C186EB
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Parameter
Maximum Rating
Storage Temperature
b
65 Cto a150 C
Case Temp Under Bias
b
55 Cto a125 C
Supply Voltage
with respect to VSS
b
05V to a65V
Voltage on other Pins
with respect to VSS
b
05V to VCC a05V
NOTICE This data sheet contains information on
products in the sampling and initial production phases
of development It is valid for the devices indicated in
the revision history The specifications are subject to
change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
45
55
V
TF
Input Clock Frequency
M80C186EB-16
0
32
MHz
M80C186EB-13
0
2608
MHz
M80C186EB-8
0
16
MHz
TC
Case Temperature Under Bias
b
55
a
125
C
RECOMMENDED CONNECTIONS
Power and ground connections must be made to
multiple VCC and VSS pins Every M80C186EB-
based circuit board should include separate power
(VCC) and ground (VSS) planes Every VCC pin must
be connected to the power plane and every VSS pin
must be connected to the ground plane Pins identi-
fied as ‘‘NC’’ must not be connected in the system
Liberal decoupling capacitance should be placed
near the M80C186EB The processor can cause
transient power surges when its output buffers tran-
sition particularly when connected to large capaci-
tive loads
Low inductance capacitors and interconnects are
recommended for best high frequency electrical per-
formance Inductance is reduced by placing the de-
coupling capacitors as close as possible to the
M80C186EB VCC and VSS package pins
Always connect any unused input to an appropriate
signal level In particular unused interrupt inputs
(INT04) should be connected to VCC through a pull-
up resistor (in the range of 50 KX) Leave any un-
used output pin or any NC pin unconnected
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com