Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8351ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8351ACPZ-R7
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8351ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AD8351
Data Sheet
Rev. D | Page 10 of 19
Figure 22. Input Impedance vs. Frequency
Figure 23. Output Impedance vs. Frequency
Figure 24. Phase and Group Delay (AV = 10 dB, at 5 V Supplies)
Figure 25. Input Reflection Coefficient vs. Frequency (RS = RL = 100 Ω With
and Without 50 Ω Terminations)
Figure 26. Output Reflection Coefficient vs. Frequency (RS = RL = 100 Ω)
4000
3500
3000
2500
2000
1500
1000
500
0
0
–100
–75
–50
–25
10
1000
100
FREQUENCY (MHz)
160
150
140
130
120
110
100
30
0
15
10
5
20
25
10
1000
100
FREQUENCY (MHz)
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
20
0
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
0250
125
225
100
200
75
175
50
150
25
FREQUENCY (MHz)
10MHz
3GHz
3GHz
10MHz
WITHOUT
TERMINATIONS
WITH 50Ω
TERMINATIONS
500MHz
500MHz
3GHz
10MHz
500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com