Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8351ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8351ACPZ-R7
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8351ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
AD8351
Rev. D | Page 17 of 19
EVALUATION BOARD
An evaluation board is available for experimentation. Various
parameters such as gain, common-mode level, and input and
output network configurations can be modified through minor
resistor changes. The schematic and evaluation board artwork
are presented in Figure 48, Figure 49, and Figure 50.
Figure 48. Component Side Layout
Figure 49. Component Side Silkscreen
Figure 50. Evaluation Board Schematic
R2
24.9Ω
R1
100Ω
R5
0Ω
R7
0Ω
R18
0Ω
R17
0Ω
R8
0Ω
R4
24.9Ω
R3
OPEN
R12
0Ω
J1
RF_IN+
J2
RF_IN–
C3
0.1µF
R6
OPEN
C2
100nF
AGND
VPOS
P1
W1
T1
C10
100nF
C4
100nF
C5
100nF
C9
100nF
T3
J5
TEST IN2
T4
1:1
ETC1-1-13
(MACOM)
1:1
ETC1-1-13
(MACOM)
1:1
ETC1-1-13
(MACOM)
J6
TEST OUT2
R13
OPEN
T2
J3
RF_OUT+
J4
RF_OUT–
C6
100nF
C7
100nF
1:1
ETC1-1-13
(MACOM)
R15
0Ω
R16
0Ω
R11
61.9Ω
R9
61.9Ω
R14
0Ω
R10
61.9Ω
16
15
14
13
5
6
7
8
RGP1
INHI
INLO
RGP2
1
2
3
4
VPOS
OPHI
OPLO
COMM
12
11
10
9
AD8351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com