Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA5340/883 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA5340/883
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5340/883 Datasheet(HTML) 5 Page - Intersil Corporation

  HA5340/883 Datasheet HTML 1Page - Intersil Corporation HA5340/883 Datasheet HTML 2Page - Intersil Corporation HA5340/883 Datasheet HTML 3Page - Intersil Corporation HA5340/883 Datasheet HTML 4Page - Intersil Corporation HA5340/883 Datasheet HTML 5Page - Intersil Corporation HA5340/883 Datasheet HTML 6Page - Intersil Corporation HA5340/883 Datasheet HTML 7Page - Intersil Corporation HA5340/883 Datasheet HTML 8Page - Intersil Corporation HA5340/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
7-12
HA-5340/883
Die Characteristics
DIE DIMENSIONS:
84 x 139 x 19mils
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos)
Silox Thickness: 12k
Å
± 2.0kÅ
Nitride Thickness: 3.5k
Å
± 1.5kÅ
DIE ATTACH:
Material: Gold Silicon Eutectic Alloy
Temperature:Ceramic DIP - 460oC (Max)
Ceramic LCC - 420oC (Max)
WORST CASE CURRENT DENSITY:
5.33 x 104 A/cm2
Metallization Mask Layout
HA-5340/883
-IN (1)
S/H (14)
SUPPLY (13)
+IN (2)
CONTROL
GND
(9) +VSUPPLY
(7) OUTPUT
(7) OUTPUT
(6) SIG GND
Spec Number
511117-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com