Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA5340/883 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA5340/883
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5340/883 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA5340/883 Datasheet HTML 4Page - Intersil Corporation HA5340/883 Datasheet HTML 5Page - Intersil Corporation HA5340/883 Datasheet HTML 6Page - Intersil Corporation HA5340/883 Datasheet HTML 7Page - Intersil Corporation HA5340/883 Datasheet HTML 8Page - Intersil Corporation HA5340/883 Datasheet HTML 9Page - Intersil Corporation HA5340/883 Datasheet HTML 10Page - Intersil Corporation HA5340/883 Datasheet HTML 11Page - Intersil Corporation HA5340/883 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as applica-
tion and design information only. No guarantee is implied.
DESIGN INFORMATION
August 1999
7-15
Semiconductor
HA5340
High Speed, Low Distortion, Precision
Monolithic Sample and Hold Amplifier
Applying the HA-5340
The HA-5340 has the uncommitted differential inputs of an
op amp, allowing the Sample and Hold function to be com-
bined with many conventional op amp circuits. See the Inter-
sil Application Note 517 for a collection of circuit ideas.
Layout
A printed circuit board with ground plane is recommended
for best performance. Bypass capacitors (0.01 to 0.1
µF,
ceramic) should be provided from each power supply termi-
nal to the Supply Ground terminal on pin 13.
The ideal ground connections are pin 6 (SIG. Ground)
directly to the system Signal Ground, and pin 13 (Supply
Ground) directly to the system Supply Common.
Hold Capacitor
The HA-5340 includes a 135pF MOS hold capacitor, suffi-
cient for most high speed applications (the Electrical Specifi-
cations section is based on this internal capacitor).
Additional capacitance may be added between pins 7 and
11. This external hold capacitance will reduce droop rate at
the expense of acquisition time, and provide other trade-offs
as shown in the Performance Curves.
The hold capacitor CH should have high insulation resis-
tance and low dielectric absorption, to minimize droop
errors. Teflon
®, polystyrene and polypropylene dielectric
capacitor types offer good performance over the specified
operating temperature range.
The hold capacitor terminal (pin 11) remains at virtual
ground potential. Any PC connection to this terminal should
be kept short and ‘‘guarded’’ by the ground plane, since
nearby signal lines or power supply voltages will introduce
errors due to drift current.
®Teflon is a registered Trademark of Dupont Corporation.
Applications
Figure 1 shows the HA-5340 connected as a unity gain non-
inverting amplifier – its most widely used configuration. As
an input device for a fast successive – approximation A/D
converter, it offers very high throughput rate for a monolithic
IC sample/hold amplifier. Also, the HA-5340’s hold step error
is adjustable to zero using the Offset Adjust potentiometer,
to deliver a 12-bit accurate output from the converter.
The HA-5340 output circuit does not include short circuit
protection, and consequently its output impedance remains
low at high frequencies. Thus, the step changes in load cur-
rent which occur during an A/D conversion are absorbed at
the S/H output with minimum voltage error. A momentary
short circuit to ground is permissible, but the output is not
designed to tolerate a short of indefinite duration.
FIGURE 1. TYPICAL HA-5340 CONNECTIONS; NONINVERTING UNITY GAIN MODE
NOTE: Pin Numbers Refer to DIP Package Only.
+15V
VIN
C H
50K
Ω
34
9
5
7
1
2
14
135pF
13
6
SYSTEM
POWER
GROUND
SYSTEM
SIGNAL
GROUND
5
9
CONVERT
13
INPUT
DIGITAL
OUTPUT
H
S
S/H CONTROL
11
-15V
HA 5340
-
HI-774
OFFSET
ADJUST
≈ ±15mV
ANALOG
COMMON
R/C
Spec Number
511117-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com