Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF4113EBZ2 Datasheet(PDF) 28 Page - Analog Devices

Part # EVAL-ADF4113EBZ2
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EBZ2 Datasheet(HTML) 28 Page - Analog Devices

Back Button EVAL-ADF4113EBZ2 Datasheet HTML 20Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 21Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 22Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 23Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 24Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 25Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 26Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 27Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADF4110/ADF4111/ADF4112/ADF4113
Data Sheet
Rev. F | Page 28 of 28
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
ADF4110BCPZ
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4110BCPZ-RL
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4110BCPZ-RL7
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4110BRU
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4110BRU-REEL
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4110BRU-REEL7
-40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4110BRUZ
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4110BRUZ-RL
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4110BRUZ-RL7
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4111BCPZ
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4111BCPZ-RL
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4111BCPZ-RL7
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4111BRU
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4111BRUZ
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4111BRUZ-RL
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4111BRUZ-RL7
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4112BCPZ
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4112BCPZ-RL
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4112BCPZ-RL7
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4112BRU
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4112BRU-REEL7
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4112BRUZ
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4112BRUZ-REEL
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4112BRUZ-REEL7
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4113BCPZ
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4113BCPZ-RL
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4113BCPZ-RL7
–40°C to +85°C
20-Lead Frame Chip Scale Package [LFCSP_WQ]
CP-20-6
ADF4113BRU
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4113BRU-REEL7
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4113BRUZ
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4113BRUZ-REEL
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4113BRUZ-REEL7
–40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADF4113BCHIPS
–40°C to +85°C
DIE
EVAL-ADF4113EBZ1
Evaluation Board
EVAL-ADF4113EBZ2
Evaluation Board
EV-ADF411XSD1Z
Evaluation Board
1
Z = RoHS Compliant Part.
2
CP-20-6 package was formerly CP-20-1 package.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03496-0-1/13(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com