Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF4113EBZ2 Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-ADF4113EBZ2
Description  RF PLL Frequency Synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EBZ2 Datasheet(HTML) 5 Page - Analog Devices

  EVAL-ADF4113EBZ2 Datasheet HTML 1Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 2Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 3Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 4Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 5Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 6Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 7Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 8Page - Analog Devices EVAL-ADF4113EBZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADF4110/ADF4111/ADF4112/ADF4113
Rev. F | Page 5 of 28
TIMING CHARACTERISTICS
Guaranteed by design but not production tested. AVDD = DVDD = 3 V ± 10%, 5 V ± 10%; AVDD ≤ VP ≤ 6 V;
AGND = DGND = CPGND = 0 V; RSET = 4.7 kΩ; TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN to TMAX (B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK setup time
t2
10
ns min
DATA to CLOCK hold time
t3
25
ns min
CLOCK high duration
t4
25
ns min
CLOCK low duration
t5
10
ns min
CLOCK to LE setup time
t6
20
ns min
LE pulse width
CLOCK
DATA
LE
LE
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t4
t5
t6
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com