Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP0063 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP0063
Description  Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0063 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP0063 Datasheet HTML 1Page - Intersil Corporation HIP0063 Datasheet HTML 2Page - Intersil Corporation HIP0063 Datasheet HTML 3Page - Intersil Corporation HIP0063 Datasheet HTML 4Page - Intersil Corporation HIP0063 Datasheet HTML 5Page - Intersil Corporation HIP0063 Datasheet HTML 6Page - Intersil Corporation HIP0063 Datasheet HTML 7Page - Intersil Corporation HIP0063 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HIP0063
Hex Low Side MOSFET Driver with Serial or
Parallel Interface and Diagnostic Fault Control
Description
The HIP0063 is a logic controlled, six channel Low Side Power Driver. As
shown in the Block Diagram, the outputs are controlled via the serial data
interface or, by user option, each output may be independently controlled
from the respective parallel input. In addition, PWM logic switching control
(HLOS) may be directly applied to channels 0 and 1 in parallel, or channels 4
and 5 in parallel.
Output fault conditions may be detected as an output load short to supply
when the output is ON or as an open load/ground short when the output is
OFF. If an over-current short exists at one output, gate drive goes to a low
duty cycle mode. It will remain in the low duty cycle mode until switched off or
the fault is cleared. Fault bits are sent to a fault register to indicate which
channel is at fault. The fault bits are indicated by a logic one and is internally
latched when CS goes low. A fault bit will return to zero when the fault disap-
pears. Either an 8-bit or 16-bit SPI communication mode may be used. Refer
to the application section for bit control information.
Over-voltage shutdown protection for all outputs will occur when VPWR (Battery/
MOSFET Supply) exceeds 35V typical. When VCC is less than 3.5V, gate drive
is switched off. The input and gate control logic is fully function when the VCC
supply is greater than 4V typical. The HIP0063 has an internal drain-to-gate
zener which is used to voltage clamp the output drain-to-source voltage of the
MOSFET.
The HIP0063 is fabricated in a Power BiMOS IC process, and is intended for
use in automotive and other applications having a wide range of temperature
and electrical stress conditions. It is particularly well suited for MOSFET con-
trol in circuits driving lamps, displays, relays, and solenoids in applications
requiring low operating power.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HIP0063AB
-40oC to +125oC
28 Lead Plastic SOIC (W)
Features
• Six Channel MOSFET Driver with Gate Drive
Control by Serial (SPI) or Parallel Interface and
an Option for PWM Logic Switching Control
• Drain Monitor Provides Fault Detection and
Voltage Clamp for Each Channel
• Output Voltage Zener Clamp. . . . . . . . . . 67V Typ
• 5V CMOS Logic Level Input Control
•VCC Logic Level Power Supply
- 5V VCC Logic Power Supply
- Turns Off Gate Drive for Low or Loss of VCC
•VPWR System Level Power Supply Management
- 5.5V to 17V Battery/System Level Power
Supply Monitor
- Over-Voltage Shutdown . . . . . . . . . . . . 35V Typ
• Output Supply/Load Short and Open
Load/Ground Short Fault Detection
• Automatic Change to Low Duty Cycle Drive
Mode When Output Short-to-Supply Detected
• Fault Diagnostic Feedback via the SPI Bus
• Operating Temp Range . . . . . . . -40oC to +125oC
Applications
• Automotive and Industrial Systems
• Control of Solenoids, Relays and Lamp Drivers
• Interface to Logic and
µP Controllers
• Robotic System Controller
PRELIMINARY
October 1995
Pinout
HIP0063 SOIC
TOP VIEW
Block Diagram
HLOS
HPW01
HPW45
P10
P11
P12
P13
P14
P15
CS
SO
SI
SCK
GND
VPWR
D0
G1
D1
D2
G3
D4
G4
D5
G5
VCC
G0
G2
D3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D0
FAULT LOGIC
PI0-5
MUX
POR
HLOS
VCC
HPW45
HPW01
S6
OSC AND
VPWR
OVSD
GATE
CONTROL
P0
LOGIC
F0
G0
AND LATCH
OVSD
TIME DELAY
CONTROL
FAULT DATA
GND
S0
CHANNEL#0 - (1 OF 6)
TG
TG
+5V
(DRAIN
(GATE DR.
SPI (SER.)
CONTROL
PWM
CONTROL
(6)
SCK
CS
SI
SO
F0-5
S0-5
POR
+VPWR
HIP0063
EXT POWER
MOSFET AND
TYP LOAD
VOLT.,VG)
MONITOR
VOLT,VDM)
PI0-5
File Number
4009


Similar Part No. - HIP0063

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
logo
Renesas Technology Corp
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Intersil Corporation
HIP0060AB INTERSIL-HIP0060AB Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
logo
Renesas Technology Corp
HIP0060AB RENESAS-HIP0060AB Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Intersil Corporation
HIP0061 INTERSIL-HIP0061 Datasheet
60Kb / 9P
60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
More results

Similar Description - HIP0063

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9825 STMICROELECTRONICS-L9825 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Jul-2001
L9826 STMICROELECTRONICS-L9826 Datasheet
174Kb / 12P
Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
Oct-2002
logo
Intersil Corporation
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
logo
STMicroelectronics
L9825 STMICROELECTRONICS-L9825_03 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
L9826 STMICROELECTRONICS-L9826_05 Datasheet
246Kb / 17P
Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
Jul-2005
L9825TR STMICROELECTRONICS-L9825TR Datasheet
228Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com