Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP0063 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP0063
Description  Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0063 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP0063 Datasheet HTML 1Page - Intersil Corporation HIP0063 Datasheet HTML 2Page - Intersil Corporation HIP0063 Datasheet HTML 3Page - Intersil Corporation HIP0063 Datasheet HTML 4Page - Intersil Corporation HIP0063 Datasheet HTML 5Page - Intersil Corporation HIP0063 Datasheet HTML 6Page - Intersil Corporation HIP0063 Datasheet HTML 7Page - Intersil Corporation HIP0063 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HIP0063
FIGURE 1. TYPICAL APPLICATION CIRCUIT FOR THE HIP0063 SHOWING HOW THE GATE DRIVE OUTPUT AND DRAIN MONITOR
INPUT CONTROLS TWO HIP0061 THREE FET ARRAYS
FIGURE 2. SPI DATA AND CLOCK TIMING DIAGRAM. SERIAL COMMUNICATION IS INITIATED WHEN CS GOES LOW AND SCK
IS LOW. 8 OR 16 BITS OF DATA IS CLOCKED INTO SI ON THE LEADING EDGE OF SCK. DATA IS CLOCKED OUT OF
SO ON THE TRAIL EDGE OF SCK. WHEN CS GOES HIGH, DATA IS LATCHED TO CONTROL EACH CHANNEL
DRAIN MONITOR
GATE DRIVER
DATA
DRIVE CONTROL
5V
GND
VCC
PI0
PI1
PI2
PI3
PI4
PI5
VPWR
14V
2 - HIP0061
HARDWARE GENERATED OR CUSTOM LOGIC
SOURCED PWM CONTROL SIGNAL INPUTS
POR, TIMING OSC,
BAND GAP REF.,
OVER-VOLT. DET.
D5
G5
S0
SI
SCK
CS
HLOS (SEL)
HPW01
HPW45
HIP0063
D4
G4
D3
G3
D2
G2
D1
G1
D0
G0
LATCH
OR EQUIVALENT
VPWR (VBATT)
CHANNEL #0
14V
DRAIN MONITOR
GATE DRIVER
DATA
DRIVE CONTROL
LATCH
CHANNEL #1
DRAIN MONITOR
GATE DRIVER
DATA
DRIVE CONTROL
LATCH
CHANNEL #2
DRAIN MONITOR
GATE DRIVER
DATA
DRIVE CONTROL
LATCH
CHANNEL #3
DRAIN MONITOR
GATE DRIVER
DATA
DRIVE CONTROL
LATCH
CHANNEL #4
DRAIN MONITOR
GATE DRIVER
DATA
DRIVE CONTROL
LATCH
CHANNEL #5
PARALLEL/
SERIAL IN,
SHIFT REG.
CONTROL
PARALLEL/
SERIAL IN,
SHIFT REG.
CONTROL
PARALLEL/
SERIAL IN,
SHIFT REG.
CONTROL
PARALLEL/
SERIAL IN,
SHIFT REG.
CONTROL
PARALLEL/
SERIAL IN,
SHIFT REG.
CONTROL
PARALLEL/
SERIAL IN,
SHIFT REG.
CONTROL
HLOS
SPI
CS
SCK
(CPOL = 0, CPHA = 1)
INTERNAL STROBE FOR DATA CAPTURE
MSB
6
5
4
3
2
1
LSB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com