Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6004D Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP6004D
Description  Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004D Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP6004D Datasheet HTML 3Page - Intersil Corporation HIP6004D Datasheet HTML 4Page - Intersil Corporation HIP6004D Datasheet HTML 5Page - Intersil Corporation HIP6004D Datasheet HTML 6Page - Intersil Corporation HIP6004D Datasheet HTML 7Page - Intersil Corporation HIP6004D Datasheet HTML 8Page - Intersil Corporation HIP6004D Datasheet HTML 9Page - Intersil Corporation HIP6004D Datasheet HTML 10Page - Intersil Corporation HIP6004D Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 5 shows the critical power components of the converter.
To minimize the voltage overshoot the interconnecting wires
indicated by heavy lines should be part of ground or power
plane in a printed circuit board. The components shown in
Figure 5 should be located as close together as possible.
Please note that the capacitors CIN and CO each represent
numerous physical capacitors. Locate the HIP6004D within 3
inches of the MOSFETs, Q1 and Q2. The circuit traces for the
MOSFETs’ gate and source connections from the HIP6004D
must be sized to handle up to 1A peak current.
Figure 6 shows the circuit traces that require additional
layout consideration. Use single point and ground plane
construction for the circuits shown. Minimize any leakage
current paths on the SS pin and locate the capacitor, CSS
close to the SS pin because the internal current source is
only 10
µA. Provide local VCC decoupling between VCC and
GND pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins.
Feedback Compensation
Figure 7 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the Reference voltage level. The
error amplifier (Error Amp) output (VE/A) is compared with
the oscillator (OSC) triangular wave to provide a pulse-
width modulated (PWM) wave with an amplitude of VIN at
the PHASE node.
The PWM wave is smoothed by the output filter (LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain and the output filter (LO and CO), with a double pole
break frequency at FLC and a zero at FESR. The DC Gain of
the modulator is simply the input voltage (VIN) divided by the
peak-to-peak oscillator voltage
∆VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the HIP6004D) and the impedance networks ZIN
and ZFB. The goal of the compensation network is to provide
a closed loop transfer function with the highest 0dB crossing
frequency (f0dB) and adequate phase margin. Phase margin
is the difference between the closed loop phase at f0dB and
180 degrees
. The equations below relate the compensation
network’s poles, zeros and gain to the components (R1,R2,
R3, C1, C2, and C3) in Figure 7. Use these guidelines for
locating the poles and zeros of the compensation network:
1. Pick Gain (R2/R1) for desired converter bandwidth.
2. Place 1ST Zero Below Filter’s Double Pole (~75% FLC).
3. Place 2ND Zero at Filter’s Double Pole.
4. Place 1ST Pole at the ESR Zero.
5. Place 2ND Pole at Half the Switching Frequency.
6. Check Gain against Error Amplifier’s Open-Loop Gain.
7. Estimate Phase Margin - Repeat if Necessary.
PGND
LO
CO
LGATE
UGATE
PHASE
Q1
Q2
D2
VIN
VOUT
RETURN
HIP6004D
CIN
FIGURE 5. PRINTED CIRCUIT BOARD POWER AND
GROUND PLANES OR ISLANDS
FIGURE 6. PRINTED CIRCUIT BOARD SMALL SIGNAL
LAYOUT GUIDELINES
+12V
HIP6004D
SS
GND
VCC
BOOT
D1
LO
CO
VOUT
Q1
Q2
PHASE
+VIN
CBOOT
CVCC
CSS
FIGURE 7. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
REFERENCE
LO
CO
ESR
VIN
∆VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
DACOUT
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
HIP6004D
ZIN
COMPARATOR
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
OSC
F
LC
1
2
π xL
O
xC
O
-------------------------------------------
=
F
ESR
1
2
π xESR xC
O
--------------------------------------------
=
HIP6004D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com