Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6004D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6004D
Description  Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6004D Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6004D Datasheet HTML 1Page - Intersil Corporation HIP6004D Datasheet HTML 2Page - Intersil Corporation HIP6004D Datasheet HTML 3Page - Intersil Corporation HIP6004D Datasheet HTML 4Page - Intersil Corporation HIP6004D Datasheet HTML 5Page - Intersil Corporation HIP6004D Datasheet HTML 6Page - Intersil Corporation HIP6004D Datasheet HTML 7Page - Intersil Corporation HIP6004D Datasheet HTML 8Page - Intersil Corporation HIP6004D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
TM
File Number
4855
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
K7™ is a trademark of Advanced Micro Devices, Inc.
HIP6004D
Buck and Synchronous-Rectifier (PWM)
Controller and Output Voltage Monitor
The HIP6004D provides complete control and protection for
a DC-DC converter optimized for high-performance
microprocessor applications. It is designed to drive two
N-Channel MOSFETs in a synchronous-rectified buck
topology. The HIP6004D integrates all of the control, output
adjustment, monitoring and protection functions into a single
package.
The output voltage of the converter is easily adjusted and
precisely regulated. The HIP6004D includes a fully TTL-
compatible 5-input digital-to-analog converter (DAC) that
adjusts the output voltage from 1.1VDC to 1.85VDC in 25mV
increments steps. The precision reference and voltage-mode
regulator hold the selected output voltage to within
±1% over
temperature and line voltage variations.
The HIP6004D provides simple, single feedback loop,
voltage-mode control with fast transient response. It includes
a 200kHz free-running triangle-wave oscillator that is
adjustable from below 50kHz to over 1MHz. The error
amplifier features a 15MHz gain-bandwidth product and
6V/
µs slew rate which enables high converter bandwidth for
fast transient performance. The resulting PWM duty ratio
ranges from 0% to 100%.
The HIP6004D monitors the output voltage with a window
comparator that tracks the DAC output and issues a Power
Good signal when the output is within
±10%. The HIP6004D
protects against over-current and overvoltage conditions by
inhibiting PWM operation. Additional built-in overvoltage
protection triggers an external SCR to crowbar the input
supply. The HIP6004D monitors the current by using the
rDS(ON) of the upper MOSFET which eliminates the need for
a current sensing resistor.
Features
• Drives Two N-Channel MOSFETs
• Operates from +5V or +12V Input
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
-
±1% Over Line Voltage and Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Output
Voltage Selection
- 25mV Binary Steps . . . . . . . . . 1.100VDC to 1.850VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
- Does Not Require Extra Current Sensing Element,
Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator Programmable from
50kHz to over 1MHz
Applications
• Power Supply for K7™, and Other Microprocessors
• High-Power DC-DC Regulators
• Low-Voltage Distributed Power Supplies
Pinout
HIP6004D
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP6004DCB
0 to 70
20 Ld SOIC
M20.3
NOTE: When ordering, use the entire part number. Add the suffix T
to obtain the part in tape and reel, e.g., HIP6004DCB-T.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VSEN
OCSET
SS
VID0
VID1
VID2
VID4
VID3
COMP
FB
RT
VCC
LGATE
PGND
OVP
BOOT
UGATE
PHASE
PGOOD
GND
Data Sheet
April 2000


Similar Part No. - HIP6004D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004D INTERSIL-HIP6004D Datasheet
546Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 13, 2005
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004DCB INTERSIL-HIP6004DCB Datasheet
546Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 13, 2005
logo
Renesas Technology Corp
HIP6004DCB RENESAS-HIP6004DCB Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004DCBZ INTERSIL-HIP6004DCBZ Datasheet
546Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 13, 2005
More results

Similar Description - HIP6004D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1997 10
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1999 02
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2004 07
HIP6004A INTERSIL-HIP6004A_02 Datasheet
445Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
HIP6004E INTERSIL-HIP6004E Datasheet
499Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
October 2003
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com