Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

70353C Datasheet(PDF) 59 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 59 Page - Microchip Technology

Back Button 70353C Datasheet HTML 55Page - Microchip Technology 70353C Datasheet HTML 56Page - Microchip Technology 70353C Datasheet HTML 57Page - Microchip Technology 70353C Datasheet HTML 58Page - Microchip Technology 70353C Datasheet HTML 59Page - Microchip Technology 70353C Datasheet HTML 60Page - Microchip Technology 70353C Datasheet HTML 61Page - Microchip Technology 70353C Datasheet HTML 62Page - Microchip Technology 70353C Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-59
Section 21. Enhanced Controller Area Network (ECAN™)
21
21.9
BIT TIMING
The nominal bit rate is the number of bits per second transmitted on the CAN bus.
Nominal Bit Time = 1 ÷ Nominal Bit Rate
There are four time segments in a bit time to compensate for any phase shifts due to oscillator
drifts or propagation delays. These time segments do not overlap each other and are represented
in terms of TQ. One TQ is a fixed unit of time derived from the oscillator clock. The total number
of time quanta in a nominal bit time must be programmed between 8 TQ and 25 TQ.
Figure 21-17 illustrates how the time quantum frequency (FTQ) is obtained from the system clock
and also how the different time segments are programmed.
Figure 21-17: ECAN™ Bit Timing
21.9.1
Bit Segments
Each bit transmission time consists of four time segments:
• Synchronization Segment – This time segment synchronizes the different nodes
connected on the CAN bus. A bit edge is expected to be within this segment. Based on
CAN protocol, the Synchronization Segment is assumed to be 1 TQ.
• Propagation Segment – This time segment compensates for any time delay that may
occur due to the bus line or due to the various transceivers connected on that bus.
• Phase Segment 1 – This time segment compensates for errors that may occur due to
phase shift in the edges. The time segment may be lengthened during resynchronization to
compensate for the phase shift.
• Phase Segment 2 – This time segment compensates for errors that may occur due to
phase shift in the edges. The time segment may be shortened during resynchronization to
compensate for the phase shift. The Phase Segment 2 time can be configured to be either
programmable or specified by the Phase Segment 1 time.
CAN Nominal Bit Time
Time Quanta
Time Segments
Propagation Segment
Phase Segment 1
Phase Segment 2
Sync
Seg
1 TQ
1 TQ - 8 TQ
Sample Point
BAUD RATE
PRESCALER
FCAN
2
Prop Seg
Phase Seg1
Phase Seg2
Sync Seg
FTQ
Time Quanta
CiCFG1<BRP>
CiCFG2<PRSEG>
CiCFG2<SEG1PH>
CiCFG2<SEG2PH>
CiCFG1<SJW>
1 TQ - 8 TQ
1:1
1:2
1:64
1 TQ - 8 TQ
1 TQ - 8 TQ
1 TQ
8 TQ - 25 TQ
1 TQ - 8 TQ
1 TQ - 8 TQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com