Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDST99 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # CDST99
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

CDST99 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  CDST99 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd CDST99 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Switching Diodes
CDST 99
Features
High speed switching.
Reverse Voltage: 70 Volts
Forward Current: 200 mA
High mounting capability, strong surge
withstand, high reliability.
1
2
3
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VRM
70
V
Forward Current
IF
200
Peak Forward Surge Current
IFM
500
Power Dissipation
Pd
150
mW
Thermal Resistance Junction to Ambient
RθJA
556
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
mA
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
70
IF= 1 mA
0.715
IF= 10 mA
0.855
IF= 50 mA
1
IF= 150 mA
1.25
Reverse voltage leakage current
IR
VR= 70 V
2.5
uA
Junction capacitance
Cj
VR= 0 V, f= 1 MHz
1.5
pF
Reverse recovery time
trr
IF=IR=10mA,Irr=0.1xIR, RL=100Ω
6
ns
Forward voltage
VF
V
Marking
Marking
C3
SOT-523
m
m
:
t
i
n
U
0.2 +0.05
-0.05
1.0 +0.1
-0.1
1.6 +0.1
-0.1
0.3±0.05
0.5 +0.1
-0.1
0.15±0.05
1
2
3


Similar Part No. - CDST99

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST914 COMCHIP-CDST914 Datasheet
103Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - CDST99

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com