Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDST99 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # CDST99
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

CDST99 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  CDST99 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd CDST99 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Switching Diodes
CDST 99
Typical Characterisitics
Forward Voltage, (V)
1.5
1.0
0.5
0
Fig.1 - Forward Characteristics
1
10
100
1000
Reverse Voltage, (V)
0
Fig.2 Reverse Characteristics
-
0.1n
1n
10n
100n
10μ
40
Reverse Voltage, (V)
0
Fig.3 Capacitance Between Terminals
-
Characteristics
0
1
2
30
50
Ambient Temperature, (°C)
Fig.4 Power Derating Curve
-
0
200
400
60
100
0
100
175
20
80
100
10
25
50
75
150
125
300
40
20
Mounted on glass
epoxy PCBs
TA=125°C
TA=-40°C
TA=25°C
TA=75°C
TJ=25°C
f=1MHz
TA=0°C
0.1
TA=150°C
TA=-40°C
TA=25°C
TA=75°C
TA=0°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com