Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD16N06LE Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD16N06LE
Description  16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N06LE Datasheet(HTML) 3 Page - Intersil Corporation

  RFD16N06LE Datasheet HTML 1Page - Intersil Corporation RFD16N06LE Datasheet HTML 2Page - Intersil Corporation RFD16N06LE Datasheet HTML 3Page - Intersil Corporation RFD16N06LE Datasheet HTML 4Page - Intersil Corporation RFD16N06LE Datasheet HTML 5Page - Intersil Corporation RFD16N06LE Datasheet HTML 6Page - Intersil Corporation RFD16N06LE Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 6. SATURATION CHARACTERISTICS
TC, CASE TEMPERATURE (
oC)
25
50
75
100
125
150
175
0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
20
10
5
0
25
50
75
100
125
150
175
15
VDS, DRAIN TO SOURCE VOLTAGE (V)
110
100
1
10
200
100
1ms
VDSS MAX = 60V
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
100
µs
10ms
TC = 25
oC
TJ = MAX RATED
t, PULSE WIDTH (s)
500
100
10
10-6
10-5
10-4
10-3
10-2
10-1
100
101
VGS = 5V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
I = I25
(
)
175 - TC
150
VGS = 10V
TC = 25
oC
tAV, TIME IN AVALANCHE (ms)
0.01
0.1
1
10
1
10
100
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 150
oC
STARTING TJ = 25
oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
20
40
60
0
1.5
3.0
4.5
6.0
7.5
VGS = 3V
VGS = 4V
VGS = 4.5V
VGS = 5V
80
100
VGS = 10V
PULSE DURATION = 80
µs
TC =25
oC
DUTY CYCLE = 0.5% MAX.
RFD16N06LE, RFD16N06LESM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com