Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC7900A Datasheet(PDF) 3 Page - NEC

Part # UPC7900A
Description  THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC7900A Datasheet(HTML) 3 Page - NEC

  UPC7900A Datasheet HTML 1Page - NEC UPC7900A Datasheet HTML 2Page - NEC UPC7900A Datasheet HTML 3Page - NEC UPC7900A Datasheet HTML 4Page - NEC UPC7900A Datasheet HTML 5Page - NEC UPC7900A Datasheet HTML 6Page - NEC UPC7900A Datasheet HTML 7Page - NEC UPC7900A Datasheet HTML 8Page - NEC UPC7900A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µPC7900A Series
3
ABSOLUTE MAXIMUM REATINGS (TA = 25 ˚C)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
–35/–40
Note 1
V
Internal Power Dissipation
PT
15
Note 2
W
Operating Ambient Temperature Range
TA
–30 to +85
˚C
Operating Junction Temperature Range
TJ
–30 to +150
˚C
Storage Temperature Range
Tstg
–55 to +150
˚C
Thermal Resistance (junction to case)
Rth(J-C)
5.0
˚C/W
Thermal Resistance (junction to ambient)
Rth(J-A)
65
˚C/W
Note 1.
µPC7905A, 08A, 12A, 15A, 18A: –35 V, µPC7924A: –40 V
2. Internally limited
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Part Number
MIN.
TYP.
MAX.
Unit
Input Voltage
VIN
µPC7905AHF
–7
–10
–25
V
µPC7908AHF
–10.5
–14
–25
µPC7912AHF
–14.5
–19
–30
µPC7915AHF
–17.5
–23
–30
µPC7918AHF
–21
–27
–33
µPC7924AHF
–27
–33
–38
Output Current
IO
All
0.005
1
A
Operating Ambient
TA
All
–30
+85
˚C
Temperature
Operating Junction
TJ
All
–30
+125
˚C
Temperature Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com