Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC7900A Datasheet(PDF) 7 Page - NEC

Part # UPC7900A
Description  THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC7900A Datasheet(HTML) 7 Page - NEC

Back Button UPC7900A Datasheet HTML 3Page - NEC UPC7900A Datasheet HTML 4Page - NEC UPC7900A Datasheet HTML 5Page - NEC UPC7900A Datasheet HTML 6Page - NEC UPC7900A Datasheet HTML 7Page - NEC UPC7900A Datasheet HTML 8Page - NEC UPC7900A Datasheet HTML 9Page - NEC UPC7900A Datasheet HTML 10Page - NEC UPC7900A Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
µPC7900A Series
7
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
–25
0
25
50
75
100
125
150
50
25
0
–25
–50
–75
–100
–125
–150
–175
–200
∆VO - TJ
TJ - Junction Temperature - ˚C
IO = 5 mA
∆VO = VO(TJ = 25 ˚C) – VO(TJ)
µPC7905A
µPC7912A
µPC7918A
1
2.0
VDIF - IO
IO - Output Current - A
150
20
PT - TA
TA - Operating Ambient Temperature - ˚C
020
3
1
IOpeak - (VIN - VOUT)
(VIN - VOUT) - Input to Output
Differential Voltage - V
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
0
1.75
1.5
1.25
1.0
0.75
0.5
0.25
TJ = –30 ˚C
25 ˚C
125 ˚C
4
8
12
16
2.5
2
1.5
TJ = –30 ˚C
25 ˚C
125 ˚C
105
100
R·R - f
f - Frequency - Hz
µPC7905A
µPC7918A
µPC7912A
104
103
102
101
90
80
70
60
50
40
30
20
10
0
15
10
5
125
100
75
50
25
0
Without heatsink
85 ˚C
With infinite heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com