Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC8001 Datasheet(PDF) 8 Page - NEC

Part # UPC8001
Description  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8001 Datasheet(HTML) 8 Page - NEC

Back Button UPC8001 Datasheet HTML 4Page - NEC UPC8001 Datasheet HTML 5Page - NEC UPC8001 Datasheet HTML 6Page - NEC UPC8001 Datasheet HTML 7Page - NEC UPC8001 Datasheet HTML 8Page - NEC UPC8001 Datasheet HTML 9Page - NEC UPC8001 Datasheet HTML 10Page - NEC UPC8001 Datasheet HTML 11Page - NEC UPC8001 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
µPC8001
8
3.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
VCC
7V
Total power dissipation
PT
300
mW
Operating ambient temperature
TA
–30 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Caution
Exposure to Absolute Maximum Ratings for extended periods may affect device reliability;
exceeding the ratings could cause permanent damage. The parameters apply independently.
The device should be operated within the limits specified under DC and AC Characteristics.
Recommended Operating Conditions (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
2.7
3.0
3.3
V
Mixer input level
VMIX IN
See Figure 3-1.
50
Ω termination
–100
–20
dBmNote1
LC matching
–113Note2
–33Note2 dBmNote1
IF amplifier input level
VIF IN
–86
–6
dBmNote1
Oscillator input level
VOSC IN
–30
–15
–5
dBmNote1
IF amplifier input frequency
fIF IN
400
455
500
kHz
Mixer input frequency
fMIX IN
80
130
150
MHz
Mixer output frequency
fMIX OUT
400
455
500
kHz
Notes 1. Assuming a conversion value of 50
Ω, 0 dBm = 0.2236 Vrms.
2. Depends on board wiring pattern, use as reference value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com