Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC8001 Datasheet(PDF) 9 Page - NEC

Part # UPC8001
Description  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8001 Datasheet(HTML) 9 Page - NEC

Back Button UPC8001 Datasheet HTML 5Page - NEC UPC8001 Datasheet HTML 6Page - NEC UPC8001 Datasheet HTML 7Page - NEC UPC8001 Datasheet HTML 8Page - NEC UPC8001 Datasheet HTML 9Page - NEC UPC8001 Datasheet HTML 10Page - NEC UPC8001 Datasheet HTML 11Page - NEC UPC8001 Datasheet HTML 12Page - NEC UPC8001 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
µPC8001
9
LC matching
33Note 1
ELECTRICAL CHARACTERISTICS
(TA = 25
°C, VCC1 = VCC2 = 3 V, fMIX IN = 130 MHz, fOSC IN = 129.545 MHz, fIF IN = 455 kHz, CRS = 1000pF, COS = CM1
= CM2 = CM0 = CIF = CFL1 = CFL2 = CFL3 = 0.01
µF, 0 dBm = 0.2236 Vrms)
(1)
Mixer
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply current
ICC1
No signal
2.1
3.0
mA
VMIN IN = –50dBm
Conversion gain
CG
VOSC IN = –15 dBm
See Figure 3-1.
Third order intercept
IC3
See Figure 3-2.
–13
–8
dBm
VOSC IN=–15dBm
–5
0
dBm
See Figure 3-3.
Cut-off frequency
fC
–3 dB point
200
470
MHz
Noise figure
NF
See Figure 3-6.10Note 1
dB
Local isolation
ISL
20
26
dB
Mixer input impedance
ZIM
48-j383
Local input impedance
ZIL
80-j425
Output resistance
ROM
60
120
180
VON = 3 V
33
600
µs
Rise time of PD signal : 10 ns
VOF = 0 V
3
200
µs
Fall time of PD signal : 10 ns
Power-OFF supply current
ILM
VOF = 0 V
0
10
µA
Notes 1. Depends on board wiring pattern, use as reference value.
2. Time until DC voltage of mixer output reaches
±10% of power-ON value.
3. Time until supply current reaches 10% of power-ON value.
(2)
Power-ON/OFF
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power-ON input voltage
VON
Power-ON over VON and under VCC
1.2
2.4
V
Power-OFF input voltage
VOF
Power-OFF over GND and under VOF
0.6
1.2
V
Power-ON input current
ION
VON = 3 V
48
75
µA
50
Ω termination
15
20
23
dB
–1dB compression output level
VOMIX
Power-ON rise time Note2
tONM
Power-OFF fall time Note3
tOFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com