| Electronic Components Datasheet Search |
|
AN4035 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4035 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 42 page ![]() AN4035 JTAG Doc ID 022669 Rev 2 11/41 Figure 3. Enabling JTAG/Nexus port access on a censored device The steps to enable the debug port on a censored device are as follows: 1. After the RSTOUT pin has is negated, hold the device in system reset state using a debugger or other tool. 2. While the device is being held in system reset state shift the 64-bit password into the CENSOR_CTRL register (via the JTAG port using the JTAG ENABLE_CENSOR_CTRL instruction. The JTAG serial password is compared against the serial boot flash password from the flash shadow block. 3. If there is a match the Nexus client TAP controller enters normal operation mode and the DISNEX flag in the SIU_CCR register is negated (for the SPC56xB and SPC56xP families the flag NXEN in the SSCM_STATUS register is negated) indicating Nexus is enabled. Upon negation of reset the debug / calibration tool is able to access the device via NEXUS port and JTAG. If the JTAG serial password does not match the serial boot flash password or the serial boot flash password is an illegal password then the debug / calibration tool is not able to access the device. After the debug port is enabled, the tool can access the censored device and can erase and reprogram the shadow flash block in order to uncensor the device. Compare 64-bit Password JTAG Port Controller CENSOR_CTRL register Nexus client TAP controller Debug/Calibration Tool Access 64-bit Password Enable/disable Censored Flash Array Other Nexus Clients •eDMA • e200z3 processor . . . |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |