Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4035 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4035
Description  Flash programming through
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4035 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4035 Datasheet HTML 21Page - STMicroelectronics AN4035 Datasheet HTML 22Page - STMicroelectronics AN4035 Datasheet HTML 23Page - STMicroelectronics AN4035 Datasheet HTML 24Page - STMicroelectronics AN4035 Datasheet HTML 25Page - STMicroelectronics AN4035 Datasheet HTML 26Page - STMicroelectronics AN4035 Datasheet HTML 27Page - STMicroelectronics AN4035 Datasheet HTML 28Page - STMicroelectronics AN4035 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AN4035
On-Chip Emulation (OnCE)
Doc ID 022669 Rev 2
25/41
PC and IR portions of the CPUSCR. Care must be taken to insure that the next instruction
fetch after the single step is to a valid memory location.
For SPC56x devices with VLE, the CTL[IRstat8] bit indicates that the instruction in the IR is
a VLE or non-VLE instruction. The CTL[FFRA], CTL[IRStat8], and the CTL bits indicated by
“*” should be set as appropriate before single stepping. All other CTL bits should be set to
zero. Single stepping can be used during normal execution of the instruction flow or to force
execution of a particular instruction by loading the desired instruction into the IR portion of
the CPUSCR. By forcing execution of particular instructions, single stepping can be used for
memory and register access by the tool.
3.9
Exit from debug mode to normal execution
Exiting debug mode and returning to normal execution is achieved by first clearing the
OCR[DMDIS] and OCR[DR] bits if not already clear while leaving the OCR[MCLK] set. The
next step is to write the appropriate information into the CPU scan chain register
(CPUSCR), followed by a write to OCMD to set the OCMD[GO] bit and OCMD[EX] bit with
the OCMD[RS] field indicating either the CPUSCR or No Register Selected. Once debug
mode has been entered, it is required that a scan in and update to the CPUSCR be
performed prior to exiting debug mode. If continuation of the normal instruction stream is
desired, the external tool is responsible for inspection of the CTL register value when debug
mode was entered to determine if the PC is invalid or needs to be offset prior to exiting
debug mode. Also, the internal state bits indicated by “*” in the CTL should be restored to
their original value when debug mode was entered if continuation of the normal instruction
stream is desired. The IRStatus bits of the CTL should be set to zero with the exception of
CTL[IRStat8] on SPC56x devices with VLE. CTL[IRStat8] indicates if the current instruction
in the IR is a VLE or non-VLE instruction. To begin instruction execution from an arbitrary
location, the PC should be set to the desired location for execution to begin minus 0x4. The
IR should be set to a nop (ex: 0x60000000). Then exit debug mode as mentioned above.
The nop executes, then the core begins fetching instructions at the desired location for
execution.
3.10
GPR access
The OnCE module provides the ability to read and write the general purpose registers
(GPR) while in debug mode. Reading a general purpose register is achieved by single
stepping over an ori instruction. As an example, to read the lower 32 bits of GPR r1, an ori
r1,r1,0 instruction is executed, and the result of the instruction is latched into WBBRlow. The
external tool can then read the contents of WBBRlow by scanning out the CPUSCR.
Writing a register is achieved by single stepping over an ori instruction with the CTL[FFRA]
bit set causing the WBBRlow to be used as the source register for the instruction. As an
example, to write the lower 32 bit of GPR r1, an ori r1, X, 0 is executed with the data to be
written in WBBRlow. The X in the instruction is replaced by the WBBRlow register.
3.11
SPR access
The OnCE module provides the ability to read and write the special purpose registers (SPR)
while in debug mode. Reading a special purpose register is achieved by saving the value in
a GPR, single stepping over a mfspr instruction which brings the spr value into both the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com