Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4366 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4366
Description  Compensate the input offset of a high-side current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4366 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4366 Datasheet HTML 5Page - STMicroelectronics AN4366 Datasheet HTML 6Page - STMicroelectronics AN4366 Datasheet HTML 7Page - STMicroelectronics AN4366 Datasheet HTML 8Page - STMicroelectronics AN4366 Datasheet HTML 9Page - STMicroelectronics AN4366 Datasheet HTML 10Page - STMicroelectronics AN4366 Datasheet HTML 11Page - STMicroelectronics AN4366 Datasheet HTML 12Page - STMicroelectronics AN4366 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN4366
Influence of the external resistances
DocID025330 Rev 1
9/14
4
Influence of the external resistances
The values of Rs1 and Rs2 should be equal to balance the contribution on both amplifier
inputs. The TSC1031 has several trimmed input resistances. Any external resistances
added in series change the value of the original gain, K1 = 25 (see equation 5).
Where Rin is the specified amplifier input resistance.
Assuming that Rs = 100 Ω, the gain, K1, becomes:
Therefore, to keep the gain as close as possible to 25, ensure that the input series
resistors, Rs1 and Rs2, are small compared to Rin. Using a resistor that is less than 10 Ω
is strongly recommended.
To balance the contribution of Rs1 and Rs2 in the current sense amplifier gain, an output
resistor Rs3 should be connected between pin A1 and the Gnd of the TSC1031. The value
of Rs3 should be chosen according to equation 6:
To keep the gain constant (i.e. K1 = 25), let Rs3 = 250 Ω for Rs1 = 10 Ω.
To avoid an error on the gain or output offset voltage it is extremely important to:
•
keep the value of the external resistances, Rs1 and Rs2, as low as possible
•
match resistances
Other parameters, such as the process variation or the temperature coefficient of the
resistances must also be taken into consideration regarding the current measurement
error. All calculations of the total error due to external resistances are detailed in the
application note "AN4369 Adjustable gain with a current sensing".
Rg
125kΩ
RgRin Rs3Rs1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com