Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4366 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4366
Description  Compensate the input offset of a high-side current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4366 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4366 Datasheet HTML 1Page - STMicroelectronics AN4366 Datasheet HTML 2Page - STMicroelectronics AN4366 Datasheet HTML 3Page - STMicroelectronics AN4366 Datasheet HTML 4Page - STMicroelectronics AN4366 Datasheet HTML 5Page - STMicroelectronics AN4366 Datasheet HTML 6Page - STMicroelectronics AN4366 Datasheet HTML 7Page - STMicroelectronics AN4366 Datasheet HTML 8Page - STMicroelectronics AN4366 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN4366
Saturation problem
DocID025330 Rev 1
5/14
2
Saturation problem
If the TSC103 is used in single supply with a positive Vos (see Figure 2 in Section 1:
"Definition of input offset voltage (Vos)") and zero current through the shunt, it becomes
saturated and the output is clamped to the Vol. Unfortunately, this phenomenon also holds
true with a positive Vos and low current. In such a case, a voltage drop through the shunt,
lower than the Vos of the current sensing, gives an incorrect output value.
Let us consider an automotive application where it is necessary to sense the current of the
battery. The minimum current that must be measured is 1 A. To limit the power dissipation,
a 0.5 mΩ shunt resistor is used. The current sensing, TSC103, powered in single supply
and set with a gain of 100 is used to measure the current (see Figure 3).
Figure 3: Current sensing single supply
The native input offset of the TSC103 might be, in the worst case, +1.1 mV or -1.1 mV, and
the maximum Vol might be 125 mV. The output voltage of the TSC103 is given by
equation (2):
To obtain a valuable measurement, the Vout must be higher than the output stage,
low-state saturation voltage i.e. Vout > Vol.
Ibattery
Vcc
1A
Rshunt
Vos
0.5 m
Ω
Gnd
+
-
TSC103
Gain x100
.Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com