Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2871 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2871
Description  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2871 Datasheet HTML 1Page - STMicroelectronics AN2871 Datasheet HTML 2Page - STMicroelectronics AN2871 Datasheet HTML 3Page - STMicroelectronics AN2871 Datasheet HTML 4Page - STMicroelectronics AN2871 Datasheet HTML 5Page - STMicroelectronics AN2871 Datasheet HTML 6Page - STMicroelectronics AN2871 Datasheet HTML 7Page - STMicroelectronics AN2871 Datasheet HTML 8Page - STMicroelectronics AN2871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AN2871
Overview
Doc ID 15304 Rev 3
5/25
1
Overview
SPC560Pxx/SPC56APxx microcontrollers are members of a family of microcontrollers built
on Power Architecture® technology. The device is supplied externally with a single voltage
supply, which can be either 5 V or 3.3 V depending on application requirements. Internally,
the chip operates with two supply voltages, namely the main supply (5 V or 3.3 V) and the
core logic supply (1.2 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com