Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3316 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 5Page - STMicroelectronics AN3316 Datasheet HTML 6Page - STMicroelectronics AN3316 Datasheet HTML 7Page - STMicroelectronics AN3316 Datasheet HTML 8Page - STMicroelectronics AN3316 Datasheet HTML 9Page - STMicroelectronics AN3316 Datasheet HTML 10Page - STMicroelectronics AN3316 Datasheet HTML 11Page - STMicroelectronics AN3316 Datasheet HTML 12Page - STMicroelectronics AN3316 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
AN3316
Device modes
Doc ID 18232 Rev 2
9/42
2
Device modes
Mode Entry Module is a smart module implemented in SPC560B that intends at saving total
device consumption. In fact it allows to manage different level of low-power modes that can
reach, at minimum, few µA.
2.1
Modes overview
Mode Entry (MC_ME) is a SPC560B module that allows the user to centralize the control of
all device modes and related modules/parameters within a unique module. In this way, it
simplifies the implementation of mode management and thus increases its robustness.
The MC_ME is based on several device modes corresponding to different usage models of
the device. Each mode is configurable and can define a policy for energy and processing
power management to fit particular system requirements. An application can easily switch
from one mode to another depending on the current needs of the system.
SPC560B modes can be subdivided in the following groups:
●
System modes:
All the modes (RESET, TEST, SAFE, DRUN) in which the device must be initialized and
properly configured
●
Running modes:
All the modes (RUN0:3) used to obtain the full device performance
●
Low Power modes:
All the modes (HALT, STOP, STANDBY) used to minimize the power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com