Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1635 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 3Page - STMicroelectronics UM1635 Datasheet HTML 4Page - STMicroelectronics UM1635 Datasheet HTML 5Page - STMicroelectronics UM1635 Datasheet HTML 6Page - STMicroelectronics UM1635 Datasheet HTML 7Page - STMicroelectronics UM1635 Datasheet HTML 8Page - STMicroelectronics UM1635 Datasheet HTML 9Page - STMicroelectronics UM1635 Datasheet HTML 10Page - STMicroelectronics UM1635 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DocID024604 Rev 2
7/42
UM1635
API specification
2
API specification
2.1
General overview
The C90FL2 SSD has APIs to handle the erase, program, erase verify and program verify
operations on the Flash. Apart from these, it also provides the feature for locking specific
blocks and calculating Check sum. This SSD also provides 3 User Test APIs for checking
the Array Integrity and the ECC Logic.
2.2
General type definitions
2.3
Configuration parameters and macros
The configuration parameter which is used for SSD operations is explained in this section.
The configuration parameters are handled as structure. The user should correctly initialize
the fields including c90flRegBase, mainArrayBase, shadowRowBase, shadowRowSize,
pageSize and BDMEnable before passing the structure to SSD functions. The pointer to
CallBack has to be initialized either to a null pointer or a valid CallBack function pointer.
Table 1. Type definitions
Derived type
Size
C language type description
BOOL
8-bits
unsigned char
INT8
8-bits
signed char
VINT8
8-bits
volatile signed char
UINT8
8-bits
unsigned char
VUINT8
8-bits
volatile unsigned char
INT16
16-bits
signed short
VINT16
16-bits
volatile signed short
UINT16
16-bits
unsigned short
VUINT16
16-bits
volatile unsigned short
INT32
32-bits
signed long
VINT32
32-bits
volatile signed long
UINT32
32-bits
unsigned long
VUINT32
32-bits
volatile unsigned long
INT64
64-bits
signed long long
VINT64
64-bits
volatile signed long long
UINT64
64-bits
unsigned long long
VUINT64
64-bits
volatile unsigned long long



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com